| Manufacturer | Part # | Datasheet | Description |
 WOLFSPEED, INC. |
CAB008A12GM3
|
2Mb / 12P |
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023 |
|
CAB530M12BM3
|
1Mb / 11P |
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02 |
|
CAB760M12HM3
|
1Mb / 11P |
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25 |
|
CAB760M12HM3R
|
1Mb / 11P |
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25 |
|
CAR600M17HN6
|
783Kb / 7P |
1700 V, 600 A, Silicon Carbide, Half-Bridge Rectifier
Rev. 01, FEBRUARY 2022 |
|
CAS175M12BM3
|
3Mb / 12P |
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022 |
|
CAS350M12BM3
|
3Mb / 12P |
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022 |
|
CAS530M12BM3
|
3Mb / 12P |
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022 |
|
WAS175M12BM3
|
3Mb / 12P |
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022 |
|
WAS350M12BM3
|
3Mb / 12P |
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022 |