Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2175221121 Datasheet (PDF) - Molex Electronics Ltd.

2175221121 Datasheet PDF - Molex Electronics Ltd.
Part # 2175221121
Download  2175221121 Download
File Size   75.54 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MIZU-P25 M-M 450MM 0.5 SQMM LEAD BK Sn

2175221121 Datasheet (PDF)

Go To PDF Page Download Datasheet
2175221121 Datasheet PDF - Molex Electronics Ltd.

Part # 2175221121
Download  2175221121 Click to download

File Size   75.54 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MIZU-P25 M-M 450MM 0.5 SQMM LEAD BK Sn

2175221121 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2175221121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217522 MOLEX-217522 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
217522 MOLEX11-217522 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
More results


Similar Description - 2175221121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147631125 MOLEX-2147631125 Datasheet
136Kb / 1P
MICROFIT 3.0 M-S 450MM 18AWG LEAD BK Sn
2020/05/14
2175211121 MOLEX-2175211121 Datasheet
76Kb / 1P
MIZU-P25 F-S 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2178422121 MOLEX-2178422121 Datasheet
75Kb / 1P
MIZU-P25 M-M 75MM 20 AWG LEAD UL RD Sn
2021/01/19
2147621125 MOLEX-2147621125 Datasheet
140Kb / 1P
MICROFIT 3.0 M-M 450MM 18AWG LEAD BK Sn
2020/05/14
2147631205 MOLEX-2147631205 Datasheet
137Kb / 1P
MICROFIT 3.0 M-S 450MM 22AWG LEAD BK Au
2020/07/10
2175231125 MOLEX-2175231125 Datasheet
78Kb / 1P
MIZU-P25 M-S 450MM 0.5 SQMM LEAD BK Sn
2021/01/19
2178401122 MOLEX-2178401122 Datasheet
79Kb / 1P
MIZU-P25 F-F 150MM 20 AWG LEAD UL BK Sn
2021/01/19
2178411124 MOLEX-2178411124 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178432121 MOLEX-2178432121 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
2175201121 MOLEX-2175201121 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com