Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFI Datasheet (PDF) - Transko Electronics, Inc.

TFI Datasheet PDF - Transko Electronics, Inc.
Part # TFI
Download  TFI Download
File Size   440.04 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)

TFI Datasheet (PDF)

Go To PDF Page Download Datasheet
TFI Datasheet PDF - Transko Electronics, Inc.

Part # TFI
Download  TFI Click to download

File Size   440.04 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)

TFI Datasheet (HTML) - Transko Electronics, Inc.


TFI Product details

FEATURES:
 WIDE FREQUENCY RANGES
 TIGHT STABILITY AVAILABLE
 LVDS / PECL OUTPUT




Similar Part No. - TFI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TFI-150 TRACOPOWER-TFI-150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI-20 TRACOPOWER-TFI-20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
TFI-300 TRACOPOWER-TFI-300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI20 TRACOPOWER-TFI20 Datasheet
336Kb / 4P
TFI 20 Series, 20 Watt
Rev. July 7, 2021
More results


Similar Description - TFI

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX210 ACT-OX210 Datasheet
252Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 20.7 x 13.1 x 8.5mm
01/06/2017
logo
Transko Electronics, In...
SXI TRANSKO-SXI Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19
SXP TRANSKO-SXP Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
SXS TRANSKO-SXS Datasheet
459Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015
THH TRANSKO-THH Datasheet
470Kb / 2P
TCXO/VCTCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Rev. 1: Dec. 2014
THI TRANSKO-THI Datasheet
441Kb / 2P
TCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Ver. 2: Sep. 2013
TX-E TRANSKO-TX-E Datasheet
501Kb / 2P
TCXO/VCTCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
TX-H TRANSKO-TX-H Datasheet
470Kb / 2P
TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)
Rev. 1: Dec. 2014
VCXO-650 TRANSKO-VCXO-650 Datasheet
451Kb / 2P
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com