Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K6R1004C1B-8 Datasheet (PDF) - Samsung semiconductor

K6R1004C1B-8 Datasheet PDF - Samsung semiconductor
Part # K6R1004C1B-8
Download  K6R1004C1B-8 Download
File Size   128.01 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out

K6R1004C1B-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
K6R1004C1B-8 Datasheet PDF - Samsung semiconductor

Part # K6R1004C1B-8
Download  K6R1004C1B-8 Click to download

File Size   128.01 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out

K6R1004C1B-8 Datasheet (HTML) - Samsung semiconductor


K6R1004C1B-8 Product details

GENERAL DESCRIPTION

The K6R1004C1B is a 1,048,576-bit high-speed Static Random Access Memory organized as 262,144 words by 4 bits. The K6R1004C1B uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAM SUNG¢s advanced CMOS process and designed for high speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6R1004C1B is packaged in a 400 mil 32-pin plastic SOJ.



FEATURES

• Fast Access Time 8,10,12ns(Max.)

• Low Power Dissipation

Standby (TTL) : 50mA(Max.)

          (CMOS) : 10mA(Max.)

Operating K6R1004C1B-8 : 150mA(Max.)

              K6R1004C1B-10 : 145mA(Max.)

              K6R1004C1B-12 : 140mA(Max.)

• Single 5.0V±10% Power Supply

• TTL Compatible Inputs and Outputs

• I/O Compatible with 3.3V Device

• Fully Static Operation

- No Clock or Refresh required

• Three State Outputs

• Center Power/Ground Pin Configuration

• Standard Pin Configuration

   K6R1004C1B-J : 32-SOJ-400




Similar Part No. - K6R1004C1B-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-12 SAMSUNG-K6R1004C1A-12 Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-15 SAMSUNG-K6R1004C1A-15 Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-20 SAMSUNG-K6R1004C1A-20 Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-C12 SAMSUNG-K6R1004C1A-C12 Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results


Similar Description - K6R1004C1B-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com