Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSW0602T Datasheet (PDF) - Teledyne Technologies Incorporated

TDSW0602T Datasheet PDF - Teledyne Technologies Incorporated
Part # TDSW0602T
Download  TDSW0602T Download
File Size   822.08 Kbytes
Page   12 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz

TDSW0602T Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSW0602T Datasheet PDF - Teledyne Technologies Incorporated

Part # TDSW0602T
Download  TDSW0602T Click to download

File Size   822.08 Kbytes
Page   12 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz

TDSW0602T Datasheet (HTML) - Teledyne Technologies Incorporated


TDSW0602T Product details

Features
• Wideband support up to 60 GHz
• Low insertion loss
▪ 1.3 dB @ 26.5 GHz
▪ 1.7 dB @ 45 GHz
▪ 1.9 dB @ 50 GHz
▪ 2.7 dB @ 60 GHz
• Fast switching time of 8 ns
• High port to port isolation
▪ 41 dB @ 26.5 GHz
▪ 38 dB @ 45 GHz
▪ 37 dB @ 50 GHz
▪ 36 dB @ 60 GHz
• –55°C to +125°C operating temperature range
• High linearity: IIP3 of 48 dBm

Applications
• Harsh industrial applications
• Applications that require extended temperature support in the range of –55°C to +125°C
• Wafer lot accept testing performed per MIL-PRF-38534 Class K

Product Description
The TDSW0602T is a HaRP™ technology-enhanced reflective SPDT RF switch die that supports a wide frequency range from 9 kHz to 60 GHz. It delivers low insertion loss, fast switching time and high isolation in the operating temperature of –55°C to +125°C. It is ideal for applications that require extended temperature support within this range, such as harsh industrial applications. At 50 GHz, the TDSW0602T exhibits 1.9 dB insertion loss and 37 dB isolation. No blocking capacitors are required if dc voltage is not present on the RF ports.
The TDSW0602T is manufactured on UltraCMOS® process, a patented variation of silicon-on-insulator (SOI) technology.




Similar Part No. - TDSW0602T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
TDSW020A2T-00 TELEDYNE-TDSW020A2T-00 Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
TDSW020A2T-01 TELEDYNE-TDSW020A2T-01 Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
TDSW020A2T-11 TELEDYNE-TDSW020A2T-11 Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
TDSW020A2T-98 TELEDYNE-TDSW020A2T-98 Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
More results


Similar Description - TDSW0602T

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
SPDT RF Switch, 9 kHz??0 GHz
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com