Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

61203422821 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

61203422821 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 61203422821
Download  61203422821 Download
File Size   642.25 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-BHD 2.54mm Male Box Header with long lever WR-BHD

61203422821 Datasheet (PDF)

Go To PDF Page Download Datasheet
61203422821 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61203422821
Download  61203422821 Click to download

File Size   642.25 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-BHD 2.54mm Male Box Header with long lever WR-BHD

61203422821 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


61203422821 Product details

General Information:
Operating Temperature -40 up to +105 °C




Similar Part No. - 61203422821

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61203422021 WURTH-61203422021 Datasheet
1Mb / 3P
2.54MM MALE BOX HEADER WITH SHORT LEVER
61203422121 WURTH-61203422121 Datasheet
821Kb / 7P
WR-BHD Male Angled Box Header
003.000
61203422323 WURTH-61203422323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
61203422921 WURTH-61203422921 Datasheet
781Kb / 7P
WR-BHD 2.54mm Male Angled Box Header with long lever WR-BHD
003.000
More results


Similar Description - 61203422821

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61201022821 WURTH-61201022821 Datasheet
638Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201422821 WURTH-61201422821 Datasheet
638Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201622821 WURTH-61201622821 Datasheet
638Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202022821 WURTH-61202022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202422821 WURTH-61202422821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202622821 WURTH-61202622821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61204022821 WURTH-61204022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61205022821 WURTH-61205022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206022821 WURTH-61206022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206422821 WURTH-61206422821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com