Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGD8209TI Datasheet (PDF) - Littelfuse

LGD8209TI Datasheet PDF - Littelfuse
Part # LGD8209TI
Download  LGD8209TI Download
File Size   323.36 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 410 V, 12 A N-Channel Ignition IGBT

LGD8209TI Datasheet (PDF)

Go To PDF Page Download Datasheet
LGD8209TI Datasheet PDF - Littelfuse

Part # LGD8209TI
Download  LGD8209TI Click to download

File Size   323.36 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 410 V, 12 A N-Channel Ignition IGBT

LGD8209TI Datasheet (HTML) - Littelfuse


LGD8209TI Product details

Description
This Logic Level Insulated Gate Bipolar Transistor (IGBT) features monolithic circuitry integrating ESD and Over-Voltage clamped protection for use in inductive coil drivers applications. Primary uses include motorbike ignition, Direct Fuel Injection, or wherever high voltage and high current switching is required.

Features
• Ideal for Coil-on-Plug Applications
• DPAK Package Offers Smaller Footprint and Increased Board Space
• Gate-Emitter ESD Protection
• Temperature Compensated Gate-Collector Voltage Clamp Limits Stress Applied to Load
• Low Saturation Voltage
• High Pulsed Current Capability
• These are Pb-Free Devices




Similar Part No. - LGD8209TI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LGD0-30A LITTELFUSE-LGD0-30A Datasheet
484Kb / 1P
LgD Series Global Pro-tection Fuses
LGD0-30A LITTELFUSE-LGD0-30A Datasheet
77Kb / 1P
International Products
LGD0-30A LITTELFUSE-LGD0-30A_06 Datasheet
77Kb / 1P
International Products
LGD35-60A LITTELFUSE-LGD35-60A Datasheet
484Kb / 1P
LgD Series Global Pro-tection Fuses
LGD35-60A LITTELFUSE-LGD35-60A Datasheet
77Kb / 1P
International Products
More results


Similar Description - LGD8209TI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
ISL9V3040D3STV ONSEMI-ISL9V3040D3STV Datasheet
718Kb / 8P
ECOSPARK Ignition IGBT 300 mJ, 400 V, N-Channel Ignition IGBT
May, 2019 - Rev. 0
FGD3245G2-F085V ONSEMI-FGD3245G2-F085V Datasheet
2Mb / 8P
EcoSPARK 2 Ignition IGBT 320 mJ, 450 V, N-Channel Ignition IGBT
April, 2019 - Rev. 1
ISL9V5045S3ST-F085C ONSEMI-ISL9V5045S3ST-F085C Datasheet
1Mb / 8P
ECOSPARK Ignition IGBT 500 mJ, 450 V, N-Channel Ignition IGBT
May, 2022 - Rev. 1
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
400 V, 18 A N-Channel Ignition IGBT
3/16/2020
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
350 V, 20 A N-Channel Ignition IGBT
4/27/2020
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com