Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP4286CZ6-TBF Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4286CZ6-TBF Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4286CZ6-TBF
Download  IP4286CZ6-TBF Download
File Size   343.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated 4-channel ESD protection

IP4286CZ6-TBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4286CZ6-TBF Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4286CZ6-TBF
Download  IP4286CZ6-TBF Click to download

File Size   343.39 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Integrated 4-channel ESD protection

IP4286CZ6-TBF Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4286CZ6-TBF Product details

1.1 General description
The devices are designed to protect the capacitive loads of Input/Output (I/O) ports
(such as USB 2.0, Ethernet, Digital Visual Interface (DVI), etc.) from being damaged by
ElectroStatic Discharge (ESD).
To provide ESD protection to downstream signal and supply components, the devices
incorporate four pairs of ultra low capacitance rail-to-rail diodes plus two Zener diodes.
This provides protection against contact discharge voltages as high as ±8 kV in
accordance with IEC 61000-4-2, level 4.
The ESD protection is independent of the supply voltage due to the rail-to-rail diodes
being connected to a Zener diode.
The devices are fabricated using monolithic silicon technology and integrate four ultra low
capacitance rail-to-rail ESD protection diodes plus two Zener diodes.
1.2 Features and benefits
Pb-free and Restriction of Hazardous Substances (RoHS) compliant
IEC 61000-4-2, level 4, ±8 kV contact discharge compliant ESD protection
Four input ESD rail-to-rail protection diodes with ultra low input capacitance of 0.6 pF
maximum
Low-voltage clamping due to integrated Zener diodes
1.3 Applications
General-purpose downstream ESD protection high-frequency analog signals and
high-speed serial data transmission for ports inside:
PC/Notebook USB 2.0/IEEE 1394 ports
Cellular phone and Personal Communication System (PCS) mobile handsets
Digital Visual Interface (DVI)
High-Definition Multimedia Interfaces (HDMI)
Cordless telephones
Wireless data (WAN/LAN) systems
MID (Mobile Internet Device) and PMP (Portable Media Player)




Similar Part No. - IP4286CZ6-TBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4286CZ6-TBF NXP-IP4286CZ6-TBF Datasheet
78Kb / 12P
Integrated 4-channel ESD protection
Rev. 01-20 April 2009
More results


Similar Description - IP4286CZ6-TBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4286CZ6 NXP-IP4286CZ6 Datasheet
78Kb / 12P
Integrated 4-channel ESD protection
Rev. 01-20 April 2009
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN_09 Datasheet
166Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4000MU ONSEMI-NUF4000MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
NUF4010MU ONSEMI-NUF4010MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 4
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
4-Channel EMI Filter with Integrated ESD Protection
logo
SeCoS Halbleitertechnol...
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
Integrated ESD Protection Array
logo
Littelfuse
NGB8204AN LITTELFUSE-NGB8204AN Datasheet
250Kb / 8P
Integrated ESD Diode Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com