Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD2ETH100T-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD2ETH100T-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD2ETH100T-Q
Download  PESD2ETH100T-Q Download
File Size   321.95 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for in-vehicle networks

PESD2ETH100T-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2ETH100T-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD2ETH100T-Q
Download  PESD2ETH100T-Q Click to download

File Size   321.95 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for in-vehicle networks

PESD2ETH100T-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD2ETH100T-Q Product details

1. General description
Fully OPEN Alliance 100BASE-T1 compliant Electrostatic discharge (ESD) protection device in
a small SOT23 surface-mounted plastic package, designed to protect two automotive in-vehicle
network bus lines from the damage caused by ESD and other transients.
2. Features and benefits
• Fully OPEN Alliance 100BASE-T1 compliant
• High trigger voltage: Vt1 = 100 V min.
• Low capacitance: Cd < 3 pF
• ESD protection up to 30 kV (IEC 61000-4-2)
• 1000 contact discharges (OPEN Alliance specification) with 30 kV (IEC 61000-4-2)
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
ESD protection for in-vehicle network lines in automotive environments
• OPEN Alliance 100BASE-T1 Ethernet
• Low-Voltage Differential Signaling (LVDS) automotive




Similar Part No. - PESD2ETH100T-Q

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD2ETH100-T LEIDITECH-PESD2ETH100-T Datasheet
2Mb / 4P
2-Line Bi-directional TVS Dio de Array
Rev : 01.08.2021
logo
Nexperia B.V. All right...
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
320Kb / 14P
ESD protection for In-vehicle networks
6 October 2022
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
PESD2ETH100-TR NEXPERIA-PESD2ETH100-TR Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
PESD2ETH100-T NEXPERIA-PESD2ETH100-T_V01 Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
More results


Similar Description - PESD2ETH100T-Q

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
PESD2CANFD24L-T NEXPERIA-PESD2CANFD24L-T Datasheet
257Kb / 12P
ESD protection for In-vehicle networks
10 August 2020
PESD2CANFD24U-U NEXPERIA-PESD2CANFD24U-U Datasheet
281Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
PESD2CANFD27L-U NEXPERIA-PESD2CANFD27L-U Datasheet
271Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com