Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD9X5.0L Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD9X5.0L Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD9X5.0L
Download  PESD9X5.0L Download
File Size   174.96 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diodes

PESD9X5.0L Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD9X5.0L Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD9X5.0L
Download  PESD9X5.0L Click to download

File Size   174.96 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diodes

PESD9X5.0L Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD9X5.0L Product details

1.1 General description
Single unidirectional ElectroStatic Discharge (ESD) protection diodes in a SOD882
leadless ultra small Surface-Mounted Device (SMD) plastic package designed to protect
one signal line from the damage caused by ESD and other transients.
1.2 Features and benefits
1.3 Applications
ESD protection of one line
ESD protection up to 30 kV
Max. peak pulse power: PPP = 150W
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL = 10 V
IEC 61000-4-5 (surge); IPP = 10 A
Ultra low leakage current: IRM = 3 nA
Ultra small SMD plastic package
AEC-Q101 qualified
Computers and peripherals
Portable electronics
Audio and video equipment
Communication systems
Cellular handsets and accessories




Similar Part No. - PESD9X5.0L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
Unidirectional ESD protection diodes
More results


Similar Description - PESD9X5.0L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESDXS1UL PHILIPS-PESDXS1UL_15 Datasheet
303Kb / 15P
Unidirectional ESD protection diodes
Rev. 3-25 October 2011
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
Unidirectional ESD protection diodes
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com