Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSR1M Datasheet (PDF) - SMC Diode Solutions Co. LTD

DSR1M Datasheet PDF - SMC Diode Solutions Co. LTD
Part # DSR1M
Download  DSR1M Download
File Size   383.39 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description DSR1M SURFACE MOUNT HIGH EFFICIENCY RECTIFIER

DSR1M Datasheet (PDF)

Go To PDF Page Download Datasheet
DSR1M Datasheet PDF - SMC Diode Solutions Co. LTD

Part # DSR1M
Download  DSR1M Click to download

File Size   383.39 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description DSR1M SURFACE MOUNT HIGH EFFICIENCY RECTIFIER

DSR1M Datasheet (HTML) - SMC Diode Solutions Co. LTD


DSR1M Product details

Features
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed: 260 C/10
seconds, 0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
Tension
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - DSR1M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSR1M FORMOSA-DSR1M Datasheet
97Kb / 2P
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Guangdong Juxing Electr...
DSR1M JUXING-DSR1M Datasheet
920Kb / 2P
Surface Mount Standard Rectifiers
logo
SHENZHEN YONGERJIA INDU...
DSR1M WINNERJOIN-DSR1M Datasheet
66Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR1M CHENDA-DSR1M Datasheet
584Kb / 2P
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Sangdest Microelectroni...
DSR1M SMC-DSR1M Datasheet
162Kb / 5P
Ideal for surface mouted applications
More results


Similar Description - DSR1M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US3A YIXIN-US3A Datasheet
156Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
SH9 RECTRON-SH9 Datasheet
219Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com