Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI843X Datasheet (PDF) - Skyworks Solutions Inc.

SI843X Datasheet PDF - Skyworks Solutions Inc.
Part # SI843X
Download  SI843X Download
File Size   1169.63 Kbytes
Page   36 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR

SI843X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI843X Datasheet PDF - Skyworks Solutions Inc.

Part # SI843X
Download  SI843X Click to download

File Size   1169.63 Kbytes
Page   36 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR

SI843X Datasheet (HTML) - Skyworks Solutions Inc.


SI843X Product details

Features
 High-speed operation
DC to 150 Mbps
 No start-up initialization required
 Wide Operating Supply Voltage:
2.70–5.5 V
 Wide Operating Supply Voltage:
2.70–5.5V
 Ultra low power (typical)
5 V Operation:
< 1.6 mA per channel at 1 Mbps
< 6 mA per channel at 100 Mbps
2.70 V Operation:
< 1.4 mA per channel at 1 Mbps
< 4 mA per channel at 100 Mbps
 High electromagnetic immunity
 Up to 2500 VRMS isolation
 60-year life at rated working
voltage
 Precise timing (typical)
<10 ns worst case
1.5 ns pulse width distortion
0.5 ns channel-channel skew
2 ns propagation delay skew
6 ns minimum pulse width
 Transient Immunity 25 kV/μs
 AEC-Q100 qualified
 Wide temperature range
–40 to 125 °C at 150 Mbps
 RoHS-compliant packages
SOIC-16 wide body
SOIC-16 narrow body




Similar Part No. - SI843X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
High-speed operation DC to 150 Mbps No start-up initialization required
More results


Similar Description - SI843X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
Low-Power Triple-Channel Digital Isolator
logo
Silicon Laboratories
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com