Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI8261ABC-C-IP Datasheet (PDF) - Skyworks Solutions Inc.

SI8261ABC-C-IP Datasheet PDF - Skyworks Solutions Inc.
Part # SI8261ABC-C-IP
Download  SI8261ABC-C-IP Download
File Size   459.23 Kbytes
Page   39 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS

SI8261ABC-C-IP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8261ABC-C-IP Datasheet PDF - Skyworks Solutions Inc.

Part # SI8261ABC-C-IP
Download  SI8261ABC-C-IP Click to download

File Size   459.23 Kbytes
Page   39 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS

SI8261ABC-C-IP Datasheet (HTML) - Skyworks Solutions Inc.


SI8261ABC-C-IP Product details

Features
 Pin-compatible, drop-in upgrades for
popular high speed opto-coupled gate
drivers
 Low power diode emulator simplifies
design-in process
 0.6 and 4.0 Amp peak output drive
current
 Rail-to-rail output voltage
 Performance and reliability advantages
vs. opto-drivers
Resistant to temperature and age
10x lower FIT rate for longer service
life
14x tighter part-to-part matching
Higher common-mode transient
immunity: >50 kV/μs typical
 Robust protection features
Multiple UVLO ordering options
(5, 8, and 12 V) with hysteresis
 60 ns propagation delay, independent of
input drive current
 Wide VDD range: 6.5 to 30 V
 Up to 5000 VRMS isolation
 10 kV surge withstand capability
 AEC-Q100 qualified
 Wide operating temperature range
–40 to +125 °C
 RoHS-compliant packages
SOIC-8 (Narrow body)
DIP8 (Gull-wing)
SDIP6 (Stretched SO-6)
 Automotive-grade OPNs available
AIAG compliant PPAP documentation
support
IMDS and CAMDS listing support




Similar Part No. - SI8261ABC-C-IP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Si8261ACC-C-IP SILABS-Si8261ACC-C-IP Datasheet
1Mb / 40P
Rail-to-rail output voltage
Si8261ACC-C-IS SILABS-Si8261ACC-C-IS Datasheet
1Mb / 40P
Rail-to-rail output voltage
Si8261ACD-C-IM SILABS-Si8261ACD-C-IM Datasheet
1Mb / 40P
Rail-to-rail output voltage
Si8261ACD-C-IS SILABS-Si8261ACD-C-IS Datasheet
1Mb / 40P
Rail-to-rail output voltage
More results


Similar Description - SI8261ABC-C-IP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
Isolated Precision Gate Driver, 4.0 A Output
REV. 0
logo
Texas Instruments
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
Single-Channel Isolated Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
Single-Channel Isolated Gate Drivers
logo
Analog Devices
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
Isolated, Precision Gate Drivers with 2 A Output
5/2017-Revision 0
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com