Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBJ25005 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBJ25005 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBJ25005
Download  GBJ25005 Download
File Size   391.63 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 25.0A Glass Passivated Bridge Rectifier

GBJ25005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ25005 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBJ25005
Download  GBJ25005 Click to download

File Size   391.63 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 25.0A Glass Passivated Bridge Rectifier

GBJ25005 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBJ25005 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005 Datasheet
59Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ25005 TAITRON-GBJ25005 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
MIC GROUP RECTIFIERS
GBJ25005 MIC-GBJ25005 Datasheet
57Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250 Datasheet
40Kb / 2P
25.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB2505 TAITRON-TB2505 Datasheet
212Kb / 5P
25.0A Single-Phase Bridge Rectifier
TB2505G TAITRON-TB2505G Datasheet
212Kb / 5P
25.0A Glass Passivated Bridge Rectifier
TB2505GW TAITRON-TB2505GW Datasheet
218Kb / 5P
25.0A Glass Passivated Bridge Rectifier
logo
Gulf Semiconductor
GSIB2560-E GULFSEMI-GSIB2560-E Datasheet
143Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
logo
Sanyo Semicon Device
DBA250 SANYO-DBA250_00 Datasheet
22Kb / 2P
25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
logo
Sangdest Microelectroni...
GBPC25005 SMC-GBPC25005 Datasheet
125Kb / 4P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
Single-Phase 25.0A Glass Passivated Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com