Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBJ35005 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBJ35005 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBJ35005
Download  GBJ35005 Download
File Size   425.94 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 35.0A Glass Passivated Bridge Rectifier

GBJ35005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ35005 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBJ35005
Download  GBJ35005 Click to download

File Size   425.94 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 35.0A Glass Passivated Bridge Rectifier

GBJ35005 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBJ35005 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - GBJ35005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005 Datasheet
76Kb / 3P
35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sirectifier Semiconduct...
GBJ35005 SIRECTIFIER-GBJ35005 Datasheet
94Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ35005 TAITRON-GBJ35005 Datasheet
247Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005 Datasheet
107Kb / 3P
35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005 Datasheet
236Kb / 3P
35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBJ35005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
TAITRON Components Inco...
TB3505 TAITRON-TB3505 Datasheet
235Kb / 5P
35.0A Single-Phase Bridge Rectifier
TB3505G TAITRON-TB3505G Datasheet
235Kb / 5P
35.0A Glass Passivated Bridge Rectifier
TB3505GW TAITRON-TB3505GW Datasheet
243Kb / 5P
35.0A Glass Passivated Bridge Rectifier
TB3505W TAITRON-TB3505W Datasheet
242Kb / 5P
35.0A Single-Phase Bridge Rectifier
logo
Gulf Semiconductor
GBPC35005 GULFSEMI-GBPC35005 Datasheet
124Kb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com