Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6283BGSP Datasheet (PDF) - Richtek Technology Corporation

RT6283BGSP Datasheet PDF - Richtek Technology Corporation
Part # RT6283BGSP
Download  RT6283BGSP Download
File Size   183.53 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 30V, 500kHz Synchronous Step-Down Converter

RT6283BGSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6283BGSP Datasheet PDF - Richtek Technology Corporation

Part # RT6283BGSP
Download  RT6283BGSP Click to download

File Size   183.53 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 30V, 500kHz Synchronous Step-Down Converter

RT6283BGSP Datasheet (HTML) - Richtek Technology Corporation


RT6283BGSP Product details

General Description
The RT6283B is a high efficiency, current mode
synchronous step-down DC-DC converter that can deliver
up to 3A output current over a wide input voltage range
from 4.5V to 30V. The device integrates a 150mΩ high
side and a 80mΩ low side MOSFET to achieve high
conversion efficiency up to 95%. The current mode control
architecture supports fast transient response and simple
compensation circuit.
A cycle-by-cycle current limit function provides protection
against shorted output and an internal soft-start eliminates
input current surge during start-up. The RT6283B provides
complete protection functions such as input under-voltage
lockout, output under-voltage protection, over-current
protection and thermal shutdown.
The RT6283B is available in the thermal enhanced SOP-8
(Exposed Pad) package.

Features
 4.5V to 30V Input Voltage Range
 3A Output Current
 Internal N-MOSFETs
 Current Mode Control
 Fixed Frequency Operation : 500kHz
 Adjustable Output Voltage from 0.8V to 24V
 High Efficiency Up to 95%
 Stable with Low ESR Ceramic Output Capacitors
 Cycle-by-Cycle Current Limit
 Input Under-Voltage Lockout
 Output Under-Voltage Protection
 Thermal Shutdown Protection
 Adjustable Current Limit
 Power Saving Mode for High Efficiency at Light
Load
 RoHS Compliant and Halogen Free

Applications
 Distributed Power Systems
 Pre-Regulator for Linear Regulators
 Notebook Computers
 Point of Load Regulator in Distributed Power System
 Digital Set-top Boxes
 Personal Digital Recorders
 Broadband Communications
 Flat Panel TVs and Monitors
 Vehicle Electronics




Similar Part No. - RT6283BGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200 RICHTEK-RT6200 Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
RT6200GE RICHTEK-RT6200GE Datasheet
784Kb / 9P
RT6200GE Evaluation Board
RT6200GE RICHTEK-RT6200GE Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
logo
Amphenol Corporation
RT62019PN AMPHENOL-RT62019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019PW AMPHENOL-RT62019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results


Similar Description - RT6283BGSP

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
3A,30V,500KHz Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
30V 3A 500KHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com