Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPG2162T5N Datasheet (PDF) - Renesas Technology Corp

UPG2162T5N Datasheet PDF - Renesas Technology Corp
Part # UPG2162T5N
Download  UPG2162T5N Download
File Size   201.8 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs INTEGRATED CIRCUIT

UPG2162T5N Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2162T5N Datasheet PDF - Renesas Technology Corp

Part # UPG2162T5N
Download  UPG2162T5N Click to download

File Size   201.8 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs INTEGRATED CIRCUIT

UPG2162T5N Datasheet (HTML) - Renesas Technology Corp


UPG2162T5N Product details

FEATURES
• Operating frequency : f = 2.4 to 2.5 GHz and 4.9 to 6.0 GHz
• Switch control voltage : Vcont (H) = 2.8 to 5.0 V (3.0 V TYP.)
: Vcont (L) = −0.3 to 0.3 V (0 V TYP.)
• Low insertion loss : Lins1 = 0.60 dB TYP. @ f = 2.4 to 2.5 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
: Lins2 = 0.85 dB TYP. @ f = 4.9 to 6.0 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
• High isolation : ISL3 = 30 dB TYP. @ f = 2.4 to 2.5 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
: ISL4 = 27 dB TYP. @ f = 4.9 to 6.0 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
• Handling power : Pin (1 dB) = +31.0 dBm TYP. @ f = 2.5 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
: Pin (1 dB) = +29.0 dBm TYP. @ f = 6.0 GHz, Vcont (H) = 3.0 V, Vcont (L) = 0 V
• High-density surface mounting : 6-pin plastic TSON package (1.5 × 1.5 × 0.37 mm)




Similar Part No. - UPG2162T5N

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N-E2 NEC-UPG2162T5N-E2 Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N-E2-A CEL-UPG2162T5N-E2-A Datasheet
301Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2162T5N-E2-A NEC-UPG2162T5N-E2-A Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results


Similar Description - UPG2162T5N

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2008TB NEC-UPG2008TB Datasheet
58Kb / 10P
GaAs INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PG2422TK RENESAS-PG2422TK_15 Datasheet
275Kb / 17P
GaAs Integrated Circuit
MC-5963 RENESAS-MC-5963 Datasheet
186Kb / 10P
GaAs INTEGRATED CIRCUIT
1997
UPG100B RENESAS-UPG100B Datasheet
217Kb / 10P
GaAs INTEGRATED CIRCUIT
1994
UPG100P RENESAS-UPG100P Datasheet
212Kb / 10P
GaAs INTEGRATED CIRCUIT
1992
UPG168TB RENESAS-UPG168TB Datasheet
236Kb / 11P
GaAs INTEGRATED CIRCUIT
2004
UPG501B RENESAS-UPG501B Datasheet
210Kb / 10P
GaAs INTEGRATED CIRCUIT
1988
UPG502B RENESAS-UPG502B Datasheet
211Kb / 10P
GaAs INTEGRATED CIRCUIT
1988
UPG2005TB RENESAS-UPG2005TB Datasheet
203Kb / 14P
GaAs INTEGRATED CIRCUIT
2001
UPG2015TB RENESAS-UPG2015TB Datasheet
217Kb / 13P
GaAs INTEGRATED CIRCUIT
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com