Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CR8F6126T Datasheet (PDF) - STMicroelectronics

CR8F6126T Datasheet PDF - STMicroelectronics
Part # CR8F6126T
Download  CR8F6126T Download
File Size   1987.9 Kbytes
Page   89 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C

CR8F6126T Datasheet (PDF)

Go To PDF Page Download Datasheet
CR8F6126T Datasheet PDF - STMicroelectronics

Part # CR8F6126T
Download  CR8F6126T Click to download

File Size   1987.9 Kbytes
Page   89 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C

CR8F6126T Datasheet (HTML) - STMicroelectronics


CR8F6126T Product details

Features
Core
■ 16 MHz advanced CR8Fcore with Harvard
architecture and 3-stage pipeline
■ Extended instruction set
Memories
■ Program memory: 8 Kbytes Flash; data
retention 20 years at 55 °C after 10 kcycles
■ Data memory: 640 bytes true data EEPROM;
endurance 300 kcycles
■ RAM: 1 Kbytes
Clock, reset and supply management
■ 2.95 to 5.5 V operating voltage
■ Flexible clock control, 4 master clock sources:
– Low power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low power 128 kHz RC
■ Clock security system with clock monitor
■ Power management:
– Low power modes (wait, active-halt, halt)
– Switch-off peripheral clocks individually
■ Permanently active, low consumption poweron
and power-down reset
Interrupt management
■ Nested interrupt controller with 32 interrupts
■ Up to 28 external interrupts on 7 vectors
Timers
■ Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
■ 16-bit general purpose timer, with 3 CAPCOM
channels (IC, OC or PWM)
■ 8-bit basic timer with 8-bit prescaler
■ Auto wake-up timer
■ 2 watchdog timers: Window watchdog and
independent watchdog
Communications interfaces
■ UART with clock output for synchronous
operation, Smartcard, IrDA, LIN master mode
■ SPI interface up to 8 Mbit/s
■ I2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
■ 10-bit, ±1 LSB ADC with up to 7 multiplexed
channels + 1 internal channel, scan mode and
analog watchdog
I/Os
■ Up to 28 I/Os on a 32-pin package including 21
high sink outputs
■ Highly robust I/O design, immune against
current injection
■ Development support
– Embedded single wire interface module
(SWIM) for fast on-chip programming and
non intrusive debugging




Similar Part No. - CR8F6126T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8FM-12B RENESAS-CR8FM-12B Datasheet
123Kb / 8P
600V-8A-Thyristor Medium Power Use
CR8FM-12B RENESAS-CR8FM-12B_15 Datasheet
123Kb / 8P
600V-8A-Thyristor Medium Power Use
More results


Similar Description - CR8F6126T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
09-Sep-2010
STM8S903K3T6C STMICROELECTRONICS-STM8S903K3T6C Datasheet
1,017Kb / 116P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
13-Jun-2012
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
09-Sep-2010
STM8S903K3 STMICROELECTRONICS-STM8S903K3 Datasheet
1Mb / 121P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
26-Mar-2015
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
February 2017
STM8S903K3 STMICROELECTRONICS-STM8S903K3_V01 Datasheet
1Mb / 124P
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
May 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com