Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD5MB Datasheet (PDF) - SMC Diode Solutions Co. LTD

SD5MB Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SD5MB
Download  SD5MB Download
File Size   297.71 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SD5MB SURFACE MOUNT GLASS PASSIVATED RECTIFIER

SD5MB Datasheet (PDF)

Go To PDF Page Download Datasheet
SD5MB Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SD5MB
Download  SD5MB Click to download

File Size   297.71 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SD5MB SURFACE MOUNT GLASS PASSIVATED RECTIFIER

SD5MB Datasheet (HTML) - SMC Diode Solutions Co. LTD


SD5MB Product details

Features
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-O
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - SD5MB

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SD5-1700-S025AB SMCDIODE-SD5-1700-S025AB Datasheet
193Kb / 3P
SiC Schottky Power Rectifier Chip
REV.-
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
50W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
500W Single Output DC-DC Converter
logo
STMicroelectronics
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Calogic, LLC
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
More results


Similar Description - SD5MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com