Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65033000RGERQ1 Datasheet (PDF) - Texas Instruments

TPS65033000RGERQ1 Datasheet PDF - Texas Instruments
Part # TPS65033000RGERQ1
Download  TPS65033000RGERQ1 Download
File Size   1863.77 Kbytes
Page   13 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS650330-Q1 Automotive Camera PMIC

TPS65033000RGERQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65033000RGERQ1 Datasheet PDF - Texas Instruments

Part # TPS65033000RGERQ1
Download  TPS65033000RGERQ1 Click to download

File Size   1863.77 Kbytes
Page   13 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS650330-Q1 Automotive Camera PMIC

TPS65033000RGERQ1 Datasheet (HTML) - Texas Instruments


TPS65033000RGERQ1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 grade 1 qualified
– -40°C to +125°C ambient operating
temperature range
• Three step-down converters:
– BUCK1 VIN range from 4.0 V to 18.3 V
– BUCK1 VOUT range from 2.5 V to 4.0 V
– BUCK1 output current up to 1500-mA
– BUCK2 and BUCK3 VIN range from 2.5 V to 5.5
V
– BUCK2 and BUCK3 VOUT range from 0.9 V to
1.9 V
– BUCK2 and BUCK3 output current up to 1200-
mA
– Spread-spectrum clock (SSC) generation for
reduced EMI
– 2.3-MHz forced fixed switching frequency PWM
operation
• One low dropout (LDO) regulator:
– VIN range from 2.5 V to 5.5 V
– VOUT range from 1.8 V to 3.3 V
– Low noise and high PSRR
– Adjustable output voltage through I2C
– Up to 300-mA output current
• 4.0-mm × 4.0-mm 24-pin VQFN with wettable
flanks

2 Applications
• Automotive camera modules
– Surround view camera modules
– Rear view camera modules
– Driver monitor camera modules
– Power over coax (POC) camera modules
– E-mirror camera modules
– Front view camera modules

3 Description
The TPS650330-Q1 device is a highly integrated
power management IC for automotive camera
modules. This device combines three step-down
converters and one low-dropout (LDO) regulator. The
BUCK1 step-down converter has an input voltage
range up to 18.3 V for connections to power over
coax (PoC). All converters operate in a forced fixedfrequency
PWM mode. The LDO can supply 300 mA
and operate with an input voltage range from 2.5 V to
5.5 V. The step-down converters and the LDO have
separate voltage inputs that enable maximum design
and sequencing flexibility.
The TPS650330-Q1 is available in a 24-pin VQFN
package (4.00 mm × 4.00 mm).




Similar Part No. - TPS65033000RGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65033000RGERQ1 TI-TPS65033000RGERQ1 Datasheet
1Mb / 10P
TPS650330-Q1 Automotive Camera PMIC
REVISED DECEMBER 2021
TPS65033000RGERQ1 TI1-TPS65033000RGERQ1 Datasheet
1Mb / 13P
TPS650330-Q1 Automotive Camera PMIC
FEBRUARY 2023
More results


Similar Description - TPS65033000RGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
TPS650330-Q1 Automotive Camera PMIC
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Texas Instruments
TPS650330-Q1 TI-TPS650330-Q1_V02 Datasheet
1Mb / 10P
TPS650330-Q1 Automotive Camera PMIC
REVISED DECEMBER 2021
TPS650350-Q1 TI-TPS650350-Q1 Datasheet
755Kb / 10P
TPS650350-Q1 Automotive Camera PMIC
NOVEMBER 2022
TPS650350-Q1 TI-TPS650350-Q1_V01 Datasheet
766Kb / 11P
TPS650350-Q1 Automotive Camera PMIC
NOVEMBER 2022
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650331-Q1 TI-TPS650331-Q1 Datasheet
1Mb / 9P
TPS650331-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650332-Q1 TI-TPS650332-Q1 Datasheet
1Mb / 13P
TPS650332-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650333-Q1 TI-TPS650333-Q1 Datasheet
1Mb / 13P
TPS650333-Q1 Automotive Camera PMIC
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com