Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE88201 Datasheet (PDF) - Texas Instruments

AFE88201 Datasheet PDF - Texas Instruments
Part # AFE88201
Download  AFE88201 Download
File Size   3892.51 Kbytes
Page   94 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications

AFE88201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE88201 Datasheet PDF - Texas Instruments

Part # AFE88201
Download  AFE88201 Click to download

File Size   3892.51 Kbytes
Page   94 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications

AFE88201 Datasheet (HTML) - Texas Instruments


AFE88201 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Low quiescent current: 170 μA (typical), 210 μA
(maximum)
• 16-bit or 14-bit monotonic high-performance DAC
– DAC output range: 0 V to 2.5 V
– Digital DAC slew-rate control
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C (max)
• Internal 1.2288-MHz oscillator with clock output
• Digital interfaces:
– Serial peripheral interface (SPI)
– Universal asynchronous receiver-transmitter
(UART)
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Wide operating temperature: –55°C to +125°C

2 Applications
• Process control and industrial automation
• PLC or DCS I/O modules
• 3-wire and 4-wire transmitters
• 4-mA to 20-mA loop-powered applications

3 Description
The 16-bit AFE88201 and 14-bit AFE78201
(AFEx8201) are highly-integrated, high-accuracy,
extremely low-power digital-to-analog converters
(DACs) with voltage outputs designed for processcontrol
and industrial-automation applications.
The AFEx8201 devices include most of the
components required to design a 4‑mA to 20‑mA,
3‑wire or 4-wire sensor transmitter or analog output
module. In addition to the highly accurate DAC, the
AFEx8201 incorporate a 10-ppm/°C voltage reference
and diagnostic analog-to-digital converter (ADC).
To accommodate intrinsic and functional-safety
concerns, external voltage-to-current conversion and
power-regulation are required.
The internal diagnostic ADC is multiplexed to
several internal nodes that enable an automatic selfhealth
check. This check is capable of detecting
errors or malfunctions of the internal bias sources,
power regulator, voltage reference, DAC output, die
temperature, and optional external voltage source. If
any fault is detected from the diagnostic ADC, CRC
frame-error checking, or windowed watchdog timer,
the devices can optionally issue an interrupt, enter a
user-specified fail-safe state, or both.




Similar Part No. - AFE88201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE88201 TI-AFE88201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE88201 TI1-AFE88201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE88201RRUR TI-AFE88201RRUR Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE88201RRUR TI1-AFE88201RRUR Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE88201RRUT TI-AFE88201RRUT Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results


Similar Description - AFE88201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883K SANYO-LC7883K Datasheet
205Kb / 10P
16-bit Digital Filter and Digital-to-analog Converters for Digital Audio
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com