Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE Datasheet (PDF) - UN Semiconducctor INC

1.5KE Datasheet PDF - UN Semiconducctor INC
Part # 1.5KE
Download  1.5KE Download
File Size   3585.05 Kbytes
Page   7 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)

1.5KE Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE Datasheet PDF - UN Semiconducctor INC

Part # 1.5KE
Download  1.5KE Click to download

File Size   3585.05 Kbytes
Page   7 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)

1.5KE Datasheet (HTML) - UN Semiconducctor INC


1.5KE Product details

Features

 Glass passivated chip junction in DO-201 Package
 Low leakage
 Uni and Bidirectional unit
 Excellent clamping capability
 1500W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
 Fast response time: typically less than 1.0ps from 0 Volts to VBR min
 Typical IR less than 1μA above 12V
 High Temperature soldering: 260°C/40 seconds at terminals
 Typical maximum temperature coefficient
ΔVBR = 0.1% × VBR@25°C× ΔT
 Plastic package has Underwriters Laboratory Flammability 94V-0
 Matte tin lead–free Plated
 Halogen free and RoHS compliant
 Typical failure mode is short from over-specified voltage or current
 Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
 IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
 ESD protection of data lines in accordance with
IEC 61000-4-2 (IEC801-2)
 EFT protection of data lines in accordance with
IEC 61000-4-4 (IEC801-4)

Applications
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer, Industrial
and Consumer electronic applications.




Similar Part No. - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Vishay Siliconix
1.5KE VISHAY-1.5KE Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
More results


Similar Description - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
1.5SMC UNSEMI-1.5SMC Datasheet
3Mb / 7P
6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
LCE UNSEMI-LCE Datasheet
3Mb / 6P
6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
P4KE UNSEMI-P4KE Datasheet
3Mb / 7P
6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
P4SMA UNSEMI-P4SMA Datasheet
3Mb / 7P
6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6KE UNSEMI-P6KE Datasheet
3Mb / 7P
6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com