Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD4.5V88D-C Datasheet (PDF) - UN Semiconducctor INC

ESD4.5V88D-C Datasheet PDF - UN Semiconducctor INC
Part # ESD4.5V88D-C
Download  ESD4.5V88D-C Download
File Size   2679.21 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD4.5V88D-C Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD4.5V88D-C Datasheet PDF - UN Semiconducctor INC

Part # ESD4.5V88D-C
Download  ESD4.5V88D-C Click to download

File Size   2679.21 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD4.5V88D-C Datasheet (HTML) - UN Semiconducctor INC


ESD4.5V88D-C Product details

Features
495 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects one Bidirectional I/O line
Low clamping voltage
Working voltages : 4.5V
Low leakage current
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 45A (8/20μs)
IEC61000-4-2(ESD) ±30kV (air discharge)
±30kV (contact discharge)

Applications
Cell Phone Handsets and Accessories
Keypads, Side Keys, Audio Ports
Portable Instrumentation
Notebooks, Desktops, and Servers
Digital Lines
Tablet PC




Similar Part No. - ESD4.5V88D-C

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD4.5V20D-SC UNSEMI-ESD4.5V20D-SC Datasheet
5Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V32D-HA UNSEMI-ESD4.5V32D-HA Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V32D-HC UNSEMI-ESD4.5V32D-HC Datasheet
858Kb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V52D-HA UNSEMI-ESD4.5V52D-HA Datasheet
3Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results


Similar Description - ESD4.5V88D-C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com