|
1 Features
• Qualified for automotive applications
• Core
– Arm® 32-bit Cortex®-M0+ CPU with memory
protection unit, frequency up to 80 MHz
• Operating characteristics
– Extended temperature: –40°C up to 125°C
– Wide supply voltage range: 1.62 V to 3.6 V
• Memories
– Up to 128KB of flash memory with error
correction code (ECC)
– Up to 32KB of SRAM with hardware parity
• High-performance analog peripherals
– Two simultaneous sampling 12-bit 4-Msps
analog-to-digital converters (ADCs) with up to
17 external channels
• 14-bit effective resolution at 250-ksps with
hardware averaging
– One 12-bit 1-MSPS digital-to-analog converter
with integrated output buffer (DAC)
– Two zero-drift zero-crossover chopper op-amps
(OPA)
• 0.5-μV/°C drift with chopping
• Integrated programmable gain stage, up to
32x
– One general-purpose amplifier (GPAMP)
– Three high-speed comparators (COMP) with 8-
bit reference DACs
• 32-ns propagation delay in high-speed
mode
• Support low-power mode operation down to
0.7 μA
– Programmable analog connections between
ADC, OPAs, COMP and DAC
– Configurable 1.4-V or 2.5-V internal shared
voltage reference (VREF)
– Integrated temperature sensor
– Integrated supply monitor
• Optimized low-power modes
– RUN: 96 μA/MHz (CoreMark)
– SLEEP: 467 μA at 4 MHz
– STOP: 46 μA at 32 kHz
– STANDBY: 1.5 μA with RTC and SRAM
retention
– SHUTDOWN: 80 nA with IO wake-up capability
• Intelligent digital peripherals
– 7-channel DMA controller
– Math accelerator supports DIV, SQRT, MAC
and TRIG computations
– Seven timers supports up to 22 PWM channels
• One 16-bit general-purpose timer
• One 16-bit general-purpose timer supports
QEI
• Two 16-bit general-purpose timers support
low-power operation in STANDBY mode
• One 32-bit high-resolution general-purpose
timer
• Two 16-bit advanced timers with deadband
support up to 12 PWM channels
– Two window-watchdog timers
– RTC with alarm and calendar mode
• Enhanced communication interfaces
– Four UART interfaces; one supports LIN,
IrDA, DALI, Smart Card, Manchester, and
three support low-power operation in STANDBY
mode
– Two I2C interfaces support up to FM+
(1 Mbit/s), SMBus/PMBus, and wakeup from
STOP mode
– Two SPIs, one SPI supports up to 32 Mbits/s
– One Controller Area Network (CAN) interface
supports CAN 2.0 A or B and CAN-FD
• Clock system
– Internal 4- to 32-MHz oscillator with up to
±1.2% accuracy (SYSOSC)
– Phase-locked loop (PLL) up to 80 MHz
– Internal 32-kHz low-frequency oscillator
(LFOSC) with ±3% accuracy
– External 4- to 48-MHz crystal oscillator (HFXT)
– External 32-kHz crystal oscillator(LFXT)
– External clock input
• Data integrity and encryption
– Cyclic redundancy checker (CRC-16, CRC-32)
– True random number generator (TRNG)
– AES encryption with 128 or 256-bit key
• Flexible I/O features
– Up to 60 GPIOs
• Two 5-V tolerant IOs
• Two high-drive IOs with 20-mA drive
strength
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 64-pin LQFP
– 48-pin LQFP, VQFN
– 32-pin VQFN
– 28-pin VSSOP
– 24-pin VQFN
• Family members (also see Device Comparison)
– MSPM0G3505: 32KB flash, 16KB RAM
– MSPM0G3506: 64KB flash, 32KB RAM
– MSPM0G3507: 128KB flash, 32KB RAM
• Development kits and software (also see Tools
and Software)
– LP-MSPM0G3507 LaunchPad™ development
kit
– MSP Software Development Kit (SDK)
• Automotive qualification
– AEC-Q100 Grade 1 (-40°C to 125°C)
– 24 , 32 and 48 -pin QFN with wettable flanks
option
2 Applications
• Automotive body electronics and Lighting
• Automotive Gateway
• Steering Wheel Systems
• Automotive Motor Control
• DC to AC Inverters
• Automotive Interior Lighting
• Door handle modules
• Kick to open modules
• Vehicle Occupancy Detection
• Seat Comfort Module
3 Description
MSPM0G350x microcontrollers (MCUs) are part of the MSP highly integrated, ultra-low-power 32-bit MCU
family based on the enhanced Arm® Cortex®-M0+ 32-bit core platform operating at up to 80-MHz frequency.
These cost-optimized MCUs offer high-performance analog peripheral integration, support extended temperature
ranges from -40°C to 125°C, and operate with supply voltages ranging from 1.62 V to 3.6 V.
The MSPM0G350x devices provide up to 128KB embedded flash program memory with built-in error correction
code (ECC) and up to 32KB SRAM with hardware parity option. These MCUs also incorporate a memory
protection unit, 7-channel DMA, math accelerator, and a variety of high-performance analog peripherals such
as two 12-bit 4-Msps ADCs, configurable internal shared voltage reference, one 12-bit 1-Msps DAC, three
high speed comparators with built-in reference DACs, two zero-drift zero-crossover op-amps with programmable
gain, and one general-purpose amplifier. These devices also offer intelligent digital peripherals such as two
16-bit advanced control timers, five general-purpose timers (with one 16-bit general-purpose timer for QEI
interface, two 16-bit general-purpose timers for STANDBY mode, and one 32-bit general-purpose timer), two
windowed-watchdog timers, and one RTC with alarm and calendar modes. These devices provide data integrity
and encryption peripherals (AES, CRC, TRNG) and enhanced communication interfaces (four UART, two I2C,
two SPI, CAN 2.0/FD).
The TI MSPM0 family of low-power MCUs consists of devices with varying degrees of analog and digital
integration allowing for customers find the MCU that meets their project's needs. The MSPM0 MCU platform
combines the Arm Cortex-M0+ platform with a holistic ultra-low-power system architecture, allowing system
designers to increase performance while reducing energy consumption.
MSPM0G350x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get the design started quickly. Development kits include a LaunchPad available for
purchase. TI also provides a free MSP Software Development Kit (SDK), which is available as a component of
Code Composer Studio™ IDE desktop and cloud version within the TI Resource Explorer. MSPM0 MCUs are
also supported by extensive online collateral, training with MSP Academy, and online support through the TI
E2E™ support forums.
For complete module descriptions, see the MSPM0 G-Series 80-MHz Microcontrollers Technical Reference
Manual.
|