Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3851A-166-252CL Datasheet (PDF) - Bourns Electronic Solutions

3851A-166-252CL Datasheet PDF - Bourns Electronic Solutions
Part # 3851A-166-252CL
Download  3851A-166-252CL Download
File Size   645.99 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3/4 ˝ Diameter Panel Control

3851A-166-252CL Datasheet (PDF)

Go To PDF Page Download Datasheet
3851A-166-252CL Datasheet PDF - Bourns Electronic Solutions

Part # 3851A-166-252CL
Download  3851A-166-252CL Click to download

File Size   645.99 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3/4 ˝ Diameter Panel Control

3851A-166-252CL Datasheet (HTML) - Bourns Electronic Solutions


3851A-166-252CL Product details

Features
- Single-turn (3851 and 3852)
- 3-3/4-turn (3856)
- Linear and audio tapers
- Wide resistance range
- Minimal depth package
- Good resolution




Similar Part No. - 3851A-166-252CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3851A-283-103E BOURNS-3851A-283-103E Datasheet
642Kb / 7P
3851/3852/3856 – 3/4 ˝ Diameter Panel Control
More results


Similar Description - 3851A-166-252CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3862 BOURNS-3862 Datasheet
215Kb / 3P
1/2 Diameter Single-Turn Panel Control
logo
List of Unclassifed Man...
7400 ETC2-7400 Datasheet
222Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
7501 ETC2-7501 Datasheet
141Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
Diameter Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_09 Datasheet
237Kb / 3P
3851/3852/3856 - 3/4 Diameter Panel Control
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
Diameter Panel Control
logo
TALEMA Group. LLC
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
Control Panel Transformers
logo
Schneider Electric
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
3851/3852/3856 – 3/4 ˝ Diameter Panel Control
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com