Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2196542121 Datasheet (PDF) - Molex Electronics Ltd.

2196542121 Datasheet PDF - Molex Electronics Ltd.
Part # 2196542121
Download  2196542121 Download
File Size   106.56 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-F 75mm 22AWG Lead BK Sn

2196542121 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196542121 Datasheet PDF - Molex Electronics Ltd.

Part # 2196542121
Download  2196542121 Click to download

File Size   106.56 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-F 75mm 22AWG Lead BK Sn

2196542121 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196542121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196542121 MOLEX-2196542121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
More results


Similar Description - 2196542121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2175001121 MOLEX-2175001121 Datasheet
88Kb / 1P
Micro-lock plus 2.0 F-F 75mm 22 AWG BK Sn
2021/08/30
2196551112 MOLEX-2196551112 Datasheet
106Kb / 1P
Micro-One ISL F-S 150mm 24AWG Lead BK Sn
2022/01/11
2196552105 MOLEX-2196552105 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2147611104 MOLEX-2147611104 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 300MM 22AWG LEAD BK Sn
2020/07/10
2147611201 MOLEX-2147611201 Datasheet
136Kb / 1P
MICROFIT 3.0 F-S 75MM 22AWG LEAD BK Au
2020/07/10
2175101121 MOLEX-2175101121 Datasheet
86Kb / 1P
LINK250 F-F 75MM 22 AWG LEADS BK Sn
2021/05/24
2175201121 MOLEX-2175201121 Datasheet
83Kb / 1P
MIZU-P25 F-F 75MM 0.5 SQMM LEAD BK Sn
2021/01/19
2196541121 MOLEX-2196541121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
2196811101 MOLEX-2196811101 Datasheet
109Kb / 1P
SL F-S 75mm 28 awg lead BK Sn
2022/03/18
2196811111 MOLEX-2196811111 Datasheet
109Kb / 1P
SL F-S 75mm 26 awg lead BK Sn
2022/03/18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com