Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS6522005RHBREP Datasheet (PDF) - Texas Instruments

TPS6522005RHBREP Datasheet PDF - Texas Instruments
Part # TPS6522005RHBREP
Download  TPS6522005RHBREP Download
File Size   3901.01 Kbytes
Page   164 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs

TPS6522005RHBREP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS6522005RHBREP Datasheet PDF - Texas Instruments

Part # TPS6522005RHBREP
Download  TPS6522005RHBREP Click to download

File Size   3901.01 Kbytes
Page   164 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs

TPS6522005RHBREP Datasheet (HTML) - Texas Instruments


TPS6522005RHBREP Product details

1 Features
• Supports defense, aerospace, and medical
applications
• 3 buck converters at up to 2.3 MHz switching
frequency.
– 1× VIN: 2.5 V – 5.5 V; IOUT: 3.5 A; VOUT 0.6 V –
3.4 V
– 2× VIN: 2.5 V – 5.5 V; IOUT: 2 A; VOUT 0.6 V –
3.4 V
• 4 linear regulators:
– 2x VIN: 1.5 V – 5.5 V; IOUT: 400 mA; VOUT:
0.6 V – 3.4 V (configurable as load switch and
bypass-mode, supporting SD-card)
– 2x VIN: 2.2 V – 5.5 V; IOUT: 300 mA; VOUT: 1.2
V – 3.3 V (configurable as load switch)
• Dynamic voltage scaling on all three buck
converters
• Low IQ/PFM, PWM-mode (quasi-fixed frequency)
or fixed frequency mode
• Programmable power sequencing and default
voltages
• I2C interface, supporting standard, fast-mode and
fast-mode+
• Designed to support systems with 14+ rails
(2× TPS6522005-EP devices in multi-PMIC
configuration)
• 2 GPOs, 1 GPIO, and 3 multi-function-pins
• EEPROM programmability
• Functional safety capable
• Controlled baseline
• One assembly/test site
• One fabrication site
• Extended product life cycle
• Extended product-change notification
• Product traceability

2 Applications
• Low power industrial MPUs such as AM62x
and AM64x with requirements for low ambient
temperature support

3 Description
The TPS6522005-EP is a Power Management IC
(PMIC) designed to supply a wide range of SoCs in
both portable and stationary applications. The device
is characterized across an ambient temperature
range of -55°C to +125°C, making the PMIC an
excellent choice for various industrial applications.
The device includes three synchronous stepdown DCDC
converters and four linear regulators.
The DC-DC converters are capable of 1x 3.5 A and
2x 2 A. The converters require a small 470 nH
inductor, 4.7 μF input capacitance, and a minimum
10 μF output capacitance per rail depending on the
switching mode configuration.
Two of the LDOs support output currents of 400
mA at an output voltage range of 0.6 V to 3.4 V.
These LDOs support bypass mode, acting as a loadswitch,
and allow voltage-changes during operation.
The other two LDOs support output currents of 300
mA at an output voltage range of 1.2 V to 3.3 V.
These LDOs also support load-switch mode.
The I2C-interface, IOs, GPIOs and multi-function-pins
(MFP) allow a seamless interface to a wide range of
SoCs.




Similar Part No. - TPS6522005RHBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65220 TI-TPS65220 Datasheet
2Mb / 130P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
DECEMBER 2022
TPS65220 TI1-TPS65220 Datasheet
3Mb / 154P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 ProcessorsA53 Processors and FPGAs
REVISED JULY 2023
TPS6522053RHBR TI1-TPS6522053RHBR Datasheet
3Mb / 154P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 ProcessorsA53 Processors and FPGAs
REVISED JULY 2023
TPS65220 TI1-TPS65220_V01 Datasheet
3Mb / 154P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 ProcessorsA53 Processors and FPGAs
REVISED JULY 2023
More results


Similar Description - TPS6522005RHBREP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
logo
ON Semiconductor
NCP6922C ONSEMI-NCP6922C Datasheet
2Mb / 42P
4 Channels PMIC, 2 x DC-to-DC Converters, 2 x LDOs
September, 2019 ??Rev. 2
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
MPS Industries, Inc.
MP5413 MPSIND-MP5413 Datasheet
139Kb / 2P
2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
Rev. 0.8 3/21/2019
logo
Texas Instruments
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com