Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAHF150G120SA Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

DAHF150G120SA Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # DAHF150G120SA
Download  DAHF150G120SA Download
File Size   579.78 Kbytes
Page   6 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description IGBT Power Module 1200V/ 150A

DAHF150G120SA Datasheet (PDF)

Go To PDF Page Download Datasheet
DAHF150G120SA Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # DAHF150G120SA
Download  DAHF150G120SA Click to download

File Size   579.78 Kbytes
Page   6 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description IGBT Power Module 1200V/ 150A

DAHF150G120SA Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


DAHF150G120SA Product details

Features

34mm Fast Switching Trench /
Field Stop IGBT Technology

® Low Switching Losses

@ Super Fast Diodes

High Short Circuit Capability

Applications

® Welder Power Supply

® UPS Inverter

Industrial Motor Drive




Similar Part No. - DAHF150G120SA

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAHF150G120SB DACO-DAHF150G120SB Datasheet
512Kb / 5P
IGBT Power Module 1200V/ 150A
2023-07-25 rev. 1.3
More results


Similar Description - DAHF150G120SA

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG150D120B6HN MACMIC-MMG150D120B6HN Datasheet
540Kb / 5P
1200V 150A IGBT Module
MMG150D120B6UC MACMIC-MMG150D120B6UC Datasheet
714Kb / 6P
1200V 150A IGBT Module
MMG150D120UA6TN MACMIC-MMG150D120UA6TN Datasheet
518Kb / 5P
1200V 150A IGBT Module
MMG150J120UZ6TC MACMIC-MMG150J120UZ6TC Datasheet
464Kb / 4P
1200V 150A IGBT Module
MMG150Q120B6HN MACMIC-MMG150Q120B6HN Datasheet
521Kb / 5P
1200V 150A IGBT Module
MMG150Q120B6TN MACMIC-MMG150Q120B6TN Datasheet
521Kb / 5P
1200V 150A IGBT Module
MMG150S120B6TC MACMIC-MMG150S120B6TC Datasheet
361Kb / 6P
1200V 150A IGBT Module
MMG150S120B6TN MACMIC-MMG150S120B6TN Datasheet
457Kb / 5P
1200V 150A IGBT Module
logo
DACO SEMICONDUCTOR CO.,...
DAHF150G120SB DACO-DAHF150G120SB Datasheet
512Kb / 5P
IGBT Power Module 1200V/ 150A
2023-07-25 rev. 1.3
DAZF150G120XCA DACO-DAZF150G120XCA Datasheet
1Mb / 4P
IGBT Module 1200V / 150A
Feb 2023 Rev 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com