Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

02-___VJU-A__ Datasheet (PDF) - Huber+Suhner, Inc.

02-___VJU-A__ Datasheet PDF - Huber+Suhner, Inc.
Part # 02-___VJU-A___26
Download  02-___VJU-A__ Download
File Size   202.55 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex Fig. 0 2.6mm 0.6mm Tight Tube TPU-FR 3.9 x 6.6mm

02-___VJU-A__ Datasheet (PDF)

Go To PDF Page Download Datasheet
02-___VJU-A__ Datasheet PDF - Huber+Suhner, Inc.

Part # 02-___VJU-A___26
Download  02-___VJU-A__ Click to download

File Size   202.55 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Duplex Fig. 0 2.6mm 0.6mm Tight Tube TPU-FR 3.9 x 6.6mm

02-___VJU-A__ Datasheet (HTML) - Huber+Suhner, Inc.


02-___VJU-A__ Product details

Properties
• Metal free indoor and
outdoor cable
• Each fiber strain relieved
• High chemical resistance
against acids/alkalies
• Halogen free and noncorrosive fire gases




Similar Part No. - 02-___VJU-A___26

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
02-___VJH-A__ HUBERSUHNER-02-___VJH-A___14 Datasheet
236Kb / 2P
Duplex Fig. 0 1.4mm 0.6mm Tight Tube LSFH 2.3 x 3.7mm
02-___VJH-__ HUBERSUHNER-02-___VJH-___14 Datasheet
209Kb / 2P
Duplex Fig. 8 1.4mm 0.6mm Tight Tube LSFH 1.4 x 3.0mm
More results


Similar Description - 02-___VJU-A___26

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
02-___CWJH-A___20D HUBERSUHNER-02-___CWJH-A___20D Datasheet
264Kb / 2P
Duplex Fig. 0 2.0mm Semi Tight Tube LSFH 3.1 x 5.2mm Dca
02-___CWJH-A___27D HUBERSUHNER-02-___CWJH-A___27D Datasheet
264Kb / 2P
Duplex Fig. 0 2.7mm Semi Tight Tube LSFH 3.5 x 6.2mm Dca
02-___CWJH-___20D HUBERSUHNER-02-___CWJH-___20D Datasheet
346Kb / 2P
Duplex Fig. 8 2.0mm Semi Tight Tube LSFH 2.0 x 4.1mm Dca
02-___CWJH-___27D HUBERSUHNER-02-___CWJH-___27D Datasheet
242Kb / 2P
Duplex Fig. 8 2.7mm Semi Tight Tube LSFH 2.7 x 5.4mm Dca
02-___FJH-A__ HUBERSUHNER-02-___FJH-A___27 Datasheet
234Kb / 2P
Duplex Fig. 0 2.7mm 0.9mm Tight Tube LSFH 3.5 x 6.2mm
02-___FJH-___ HUBERSUHNER-02-___FJH-____17 Datasheet
214Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm
02-___FJH-____17F HUBERSUHNER-02-___FJH-____17F Datasheet
242Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm Fca
02-___VJH-A__ HUBERSUHNER-02-___VJH-A___14 Datasheet
236Kb / 2P
Duplex Fig. 0 1.4mm 0.6mm Tight Tube LSFH 2.3 x 3.7mm
02-___VJH-__ HUBERSUHNER-02-___VJH-___14 Datasheet
209Kb / 2P
Duplex Fig. 8 1.4mm 0.6mm Tight Tube LSFH 1.4 x 3.0mm
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com