Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MURB2040CT Datasheet (PDF) - RFE international

MURB2040CT Datasheet PDF - RFE international
Part # MURB2040CT
Download  MURB2040CT Download
File Size   2829.97 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 10A FRED Pt MURB2040CT

MURB2040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURB2040CT Datasheet PDF - RFE international

Part # MURB2040CT
Download  MURB2040CT Click to download

File Size   2829.97 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Diodes 10A FRED Pt MURB2040CT

MURB2040CT Datasheet (HTML) - RFE international


MURB2040CT Product details

Adopt FRED chip

Low forward Voltage drop

Fast roverse recovery time.

High frequency operation

High purty, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MURB2040CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURB2040CT ZSELEC-MURB2040CT Datasheet
165Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
MURB2040CT GOOD-ARK-MURB2040CT Datasheet
659Kb / 4P
Ultrafast Recovery Planar Diode
logo
Thinki Semiconductor Co...
MURB2040CT THINKISEMI-MURB2040CT Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB2040CT THINKISEMI-MURB2040CT Datasheet
465Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURB2040CTR THINKISEMI-MURB2040CTR Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Similar Description - MURB2040CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR2040FCT LUGUANG-MUR2040FCT Datasheet
304Kb / 4P
Ultra-Fast Recovery Diodes 10A*2 FRED Pt
MUR320D LUGUANG-MUR320D Datasheet
911Kb / 4P
Ultra-Fast Recovery Diodes 3A FRED Pt
Revision:20220621-P1
MUR60120P LUGUANG-MUR60120P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 60A FRED Pt
Revision:20170701-P1
MUR2080BCT LUGUANG-MUR2080BCT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 10A*2 Pt
Revision:20170701-P1
MUR2080CT LUGUANG-MUR2080CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 10A*2 Pt
Revision:20170701-P1
MUR30120P LUGUANG-MUR30120P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 30A FRED Pt
Revision:20230411-P1
MUR7560P LUGUANG-MUR7560P Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 75A FRED Pt
Revision:20220701-P1
MUR7560PL LUGUANG-MUR7560PL Datasheet
2Mb / 3P
Ultra-Fast Recovery Diodes 75A FRED Pt
Revision:20220701-P1
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
MUR8060P LUGUANG-MUR8060P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes FRED Pt
Revision:20221223-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com