Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT041010WN Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

RT041010WN Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Part # RT041010WN
Download  RT041010WN Download
File Size   495.89 Kbytes
Page   1 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description RF Transformer

RT041010WN Datasheet (PDF)

Go To PDF Page Download Datasheet
RT041010WN Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # RT041010WN
Download  RT041010WN Click to download

File Size   495.89 Kbytes
Page   1 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description RF Transformer

RT041010WN Datasheet (HTML) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.


RT041010WN Product details

RoHS Compliant
Impedance=50Ω
Frequency10-1900MHz
Operating temperature: -40℃ to +85℃
Storage temperature: -40℃ to +85℃




Similar Part No. - RT041010WN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0401BKB0710KL YAGEO-RT0401BKB0710KL Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT0401BKC0710KL YAGEO-RT0401BKC0710KL Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRB0710KL YAGEO-RT0401BRB0710KL Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRC0710KL YAGEO-RT0401BRC0710KL Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT0401CKB0710KL YAGEO-RT0401CKB0710KL Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
More results


Similar Description - RT041010WN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com