Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRLML2060 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLML2060 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLML2060
Download  IRLML2060 Download
File Size   576.6 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Load/ System Switch

IRLML2060 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML2060 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLML2060
Download  IRLML2060 Click to download

File Size   576.6 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Load/ System Switch

IRLML2060 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLML2060 Product details

Features
VDS (V) = 60V
RDS(ON) < 85m (VGS = 10V)
RDS(ON) < 99m (VGS = 4.5V)

Benefits
Multi-vendor compatibility
Easier manufacturing
Environmentally friendly
Increased reliability




Similar Part No. - IRLML2060

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRLML2060 EVVOSEMI-IRLML2060 Datasheet
389Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2060PBF IRF-IRLML2060PBF_15 Datasheet
205Kb / 10P
Compatible with existing Surface Mount Techniques
logo
EVER SEMICONDUCTOR CO.,...
IRLML2060TR EVVOSEMI-IRLML2060TR Datasheet
389Kb / 8P
MOSFET
Rev:2023A2
More results


Similar Description - IRLML2060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFML8244PBF IRF-IRFML8244PBF Datasheet
202Kb / 10P
Load/ System Switch
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRFHM93312PBF IRF-IRFHM93312PBF Datasheet
236Kb / 8P
System/load switch
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
logo
Guangdong Youtai Semico...
IRLML2030TR UMW-IRLML2030TR Datasheet
590Kb / 8P
Load/ System Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
System/Load Switch
IRLML2246 UMW-IRLML2246 Datasheet
406Kb / 8P
System/Load Switch
IRLML6344TR UMW-IRLML6344TR Datasheet
442Kb / 8P
Load/ System Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com