Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

140-511-415-101 Datasheet (PDF) - EDAC, All Rights Reserved.

140-511-415-101 Datasheet PDF - EDAC, All Rights Reserved.
Part # 140-511-415-101
Download  140-511-415-101 Download
File Size   73.3 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch

140-511-415-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
140-511-415-101 Datasheet PDF - EDAC, All Rights Reserved.

Part # 140-511-415-101
Download  140-511-415-101 Click to download

File Size   73.3 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch

140-511-415-101 Datasheet (HTML) - EDAC, All Rights Reserved.


140-511-415-101 Product details

Features

  • 0.079" (2.00mm) contact spacing
  • For use with P.C. board thickness: 0.047" (1.20mm) ~ 0.062" (1.60mm)
  • Low profile insulator body, 0.185" (4.70mm) width 0.240" (6.10mm) height
  • Contact termination options include: P.C. Tail, surface mount
  • Top entry or side entry configurations
  • Board retention contacts available
  • Designed for high-density connection of internal wires to PCB




Similar Part No. - 140-511-415-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
140-511-415-101 EDAC-140-511-415-101 Datasheet
290Kb / 7P
140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch
More results


Similar Description - 140-511-415-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
140-SERIES EDAC-140-SERIES Datasheet
290Kb / 7P
140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch
140-503-415-100 EDAC-140-503-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-505-415-100 EDAC-140-505-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-506-210-011 EDAC-140-506-210-011 Datasheet
68Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-507-415-100 EDAC-140-507-415-100 Datasheet
72Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-508-415-000 EDAC-140-508-415-000 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-415-100 EDAC-140-512-415-100 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-417-060 EDAC-140-512-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-513-417-060 EDAC-140-513-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-515-417-060 EDAC-140-515-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com