Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10SMBJ Datasheet (PDF) - UN Semiconducctor INC

10SMBJ Datasheet PDF - UN Semiconducctor INC
Part # 10SMBJ
Download  10SMBJ Download
File Size   3355.17 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors

10SMBJ Datasheet (PDF)

Go To PDF Page Download Datasheet
10SMBJ Datasheet PDF - UN Semiconducctor INC

Part # 10SMBJ
Download  10SMBJ Click to download

File Size   3355.17 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors

10SMBJ Datasheet (HTML) - UN Semiconducctor INC


10SMBJ Product details

Features
Glass passivated chip
1000W peak pulse power capability with a 10/1000μs waveform
Repetitive rate (duty cycle) : 0.01%
Typical IR less than 1μA above 10V
Excellent clamping capability
Very fast response time
High temperature soldering: 260℃/10s at terminals.
RoHS compliant




Similar Part No. - 10SMBJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
10SMBJ12A LEIDITECH-10SMBJ12A Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
10SMBJ12CA LEIDITECH-10SMBJ12CA Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
10SMBJ15A LEIDITECH-10SMBJ15A Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
10SMBJ15CA LEIDITECH-10SMBJ15CA Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
10SMBJ18A LEIDITECH-10SMBJ18A Datasheet
745Kb / 6P
1000W Transient Voltage Suppressor
More results


Similar Description - 10SMBJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
1.0SMBJ5.0CA HUAXINAN-1.0SMBJ5.0CA Datasheet
431Kb / 5P
1000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
10SMBT UNSEMI-10SMBT Datasheet
3Mb / 5P
6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
TPSMB UNSEMI-TPSMB Datasheet
2Mb / 6P
13 To 200V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMB10J UNSEMI-TPSMB10J Datasheet
2Mb / 5P
15 To 40V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACA UNSEMI-SACA Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com