|
Features
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with NFC
DALI-2 and D4i Certified
AC Dim/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5W
Always-on Auxiliary Power: 24Vdc, 125mA, 3W (Transient
Peak Power up to 10W)
Integrated 16Vdc Bus Power Supply Based on DALI-2
Integrated Power Monitoring with High Accuracy up to ±1%
Output Lumen Compensation
End-of-Life Indicator
Thermal Sensing and Protection for LED Module
Long Lifetime Over 100K Hours at 75°C Case Temperature
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
IP20 Design and Suitable for Outdoor Applications in
Luminaires with IP>54
Suitable for Luminaires with Protection Class I and II
Complies with Zhaga Interface Specification Book 13
8 Year Warranty
Description
The EBS-120SxxxBT2 series is a 120W, constant-current, NFC programmable and IP20 rated LED driver that
operates from 176-305 Vac input with excellent power factor. Created for many lighting applications including
street, tunnel and high bay, etc., this family provides integrated AC power monitoring with an auxiliary voltage and
dim-to-off functionality for powering low voltage, wireless controls. The dimming control supports two-way
communication via DALI-2 and complies with D4i. The high efficiency of these drivers and better thermal design
enable them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free
operation, protection is provided against input surge, input under voltage, input over voltage, output over voltage,
short circuit, and over temperature of both the driver and the external LED array.
|