Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD-320S310DV Datasheet (PDF) - Inventronics Inc.

ESD-320S310DV Datasheet PDF - Inventronics Inc.
Part # ESD-320S310DV
Download  ESD-320S310DV Download
File Size   1037.67 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W Programmable IP67 Driver

ESD-320S310DV Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD-320S310DV Datasheet PDF - Inventronics Inc.

Part # ESD-320S310DV
Download  ESD-320S310DV Click to download

File Size   1037.67 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W Programmable IP67 Driver

ESD-320S310DV Datasheet (HTML) - Inventronics Inc.


ESD-320S310DV Product details

Features
Ultra High Efficiency (Up to 94.5%)
Full Power at Wide Output Current Range (Constant Power)
0-10V/PWM/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤1.5W
Output Lumen Compensation
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
IP67
SELV Output
5 Years Warranty
Description
The ESD-320SxxxDV series is a 320W, constant-current, programmable LED driver that operates from 249-528
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast,
sports and roadway, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers
and compact metal case enables them to run cooler, significantly improving reliability and extending product life.
To ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit,
and over temperature.




Similar Part No. - ESD-320S310DV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESD-320S310DT INVENTRONICS-ESD-320S310DT Datasheet
748Kb / 15P
320W Programmable IP67 Driver
Rev. H
More results


Similar Description - ESD-320S310DV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-ESD-320SXXXDT INVENTRONICS-DS-ESD-320SXXXDT Datasheet
748Kb / 15P
320W Programmable IP67 Driver
Rev. H
ESM-320SXXXDX INVENTRONICS-ESM-320SXXXDX Datasheet
855Kb / 15P
320W P rogrammable IP66/IP67 Driver
Rev.C
ESM-320SXXXMX INVENTRONICS-ESM-320SXXXMX Datasheet
792Kb / 17P
320W Programmable Driver with INV Digital Dimming
Rev.D
ESV-320SXXXST INVENTRONICS-ESV-320SXXXST Datasheet
449Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
ESV-320SXXXSV INVENTRONICS-ESV-320SXXXSV Datasheet
391Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
EUP-320SXXXSV INVENTRONICS-EUP-320SXXXSV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUK-320SXXXDTTT INVENTRONICS-EUK-320SXXXDTTT Datasheet
843Kb / 14P
320W Pro grammable IP67 Driver
Rev. E
EUK-320SXXXDV INVENTRONICS-EUK-320SXXXDV Datasheet
880Kb / 15P
320W Pro grammable IP67 Driver
Rev. E
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
EUC-320SXXXDV INVENTRONICS-EUC-320SXXXDV Datasheet
1Mb / 12P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com