Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOD444 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AOD444 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AOD444
Download  AOD444 Download
File Size   534.69 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

AOD444 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD444 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AOD444
Download  AOD444 Click to download

File Size   534.69 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

AOD444 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AOD444 Product details

Product Summary
VDS 60V
ID (at VGS=10V) 12A
RDS(ON) (at VGS=10V) < 60mΩ
RDS(ON) (at VGS = 4.5V) < 85mΩ




Similar Part No. - AOD444

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOD444 ETC-AOD444 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD444 AOSMD-AOD444 Datasheet
254Kb / 6P
60V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AOD444 KEXIN-AOD444 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD444 VBSEMI-AOD444 Datasheet
1,001Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD444 ISC-AOD444 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD444

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com