Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUK-075S070DT Datasheet (PDF) - Inventronics Inc.

EUK-075S070DT Datasheet PDF - Inventronics Inc.
Part # EUK-075S070DT
Download  EUK-075S070DT Download
File Size   1040.06 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP67 Driver

EUK-075S070DT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUK-075S070DT Datasheet PDF - Inventronics Inc.

Part # EUK-075S070DT
Download  EUK-075S070DT Click to download

File Size   1040.06 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP67 Driver

EUK-075S070DT Datasheet (HTML) - Inventronics Inc.


EUK-075S070DT Product details

Features
High Efficiency (Up to 90.5%)
Full Power at Wide Output Current Range (Constant Power)
0-10V/10V PWM Dimmable (DT models)
3 Timer Modes Dimmable (TT models)
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
5 Years Warranty

Description
The EUK-075SxxxDT(TT) series is a 75W, constant-current, programmable IP67 LED driver that operates from
90-305 Vac input with excellent power factor. It is created for many lighting applications including low bay,
tunnel and street. The high efficiency of these drivers and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUK-075S070DT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUK-075S070DV INVENTRONICS-EUK-075S070DV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
More results


Similar Description - EUK-075S070DT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EDC-075S105SV INVENTRONICS-DS-EDC-075S105SV Datasheet
545Kb / 8P
75W Con stant Current IP67 Driver
Rev. C
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-075S070DD INVENTRONICS-EUC-075S070DD Datasheet
870Kb / 9P
75W Class II Constant Current IP67 Driver
Rev. E
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com