Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUC-042S140DVM Datasheet (PDF) - Inventronics Inc.

EUC-042S140DVM Datasheet PDF - Inventronics Inc.
Part # EUC-042S140DVM
Download  EUC-042S140DVM Download
File Size   949.9 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP67 Driver

EUC-042S140DVM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-042S140DVM Datasheet PDF - Inventronics Inc.

Part # EUC-042S140DVM
Download  EUC-042S140DVM Click to download

File Size   949.9 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP67 Driver

EUC-042S140DVM Datasheet (HTML) - Inventronics Inc.


EUC-042S140DVM Product details

Features
Ultra High Efficiency (Up to 90%)
Constant Current Output
Surge Protection Level DM 4kV, CM 6kV
0-10V Dimming Control
Auxiliary High Source Current Capability(200 mA)
Waterproof (IP67)
All-Around Protection: OVP, SCP, OTP
SELV Output

Description
The EUC-042SxxxDVM(SVM) series is a 42W, constant-current IP67 LED driver in a metal case that operates from 90-305 Vac input with excellent power factor. It is created for many lighting applications including low bay, tunnel and signage, etc. The high efficiency of these drivers and compact metal case enable them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - EUC-042S140DVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-042S140DS INVENTRONICS-EUC-042S140DS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042S140DTM INVENTRONICS-EUC-042S140DTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results


Similar Description - EUC-042S140DVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com