Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7309 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7309 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7309
Download  IRF7309 Download
File Size   2304.46 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual N P Channel MOSFET

IRF7309 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7309 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7309
Download  IRF7309 Click to download

File Size   2304.46 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual N P Channel MOSFET

IRF7309 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7309 Product details

Industry-standard pinout SO-8 Package
Compatible with Existing Surface Mount Techniques
 VDS (V) = 30V
 RDS(ON) 70m (VGS = 2.7V)
 RDS(ON) 50m (VGS = 4.5V)
 VDS (V) = -30V
 RDS(ON) 100m (VGS = 4.5V)
 RDS(ON) 140m (VGS = 2.7V)
Features


N-Ch:
P-Ch:




Similar Part No. - IRF7309

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7309 IRF-IRF7309 Datasheet
162Kb / 8P
HEXFET Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7309 EVVOSEMI-IRF7309 Datasheet
2Mb / 11P
Dual N P Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7309IPBF IRF-IRF7309IPBF Datasheet
1Mb / 11P
HEXFET Power MOSFET
IRF7309PBF IRF-IRF7309PBF Datasheet
2Mb / 11P
HEXFET Power MOSFET
IRF7309PBF IRF-IRF7309PBF Datasheet
2Mb / 11P
GENERATION V TECHNOLOGY
More results


Similar Description - IRF7309

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_10 Datasheet
804Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
30V Dual P N-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
Dual N and P Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
250V Dual N & P-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
Dual N P Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com