Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL55008 Datasheet (PDF) - Intersil Corporation

ISL55008 Datasheet PDF - Intersil Corporation
Part # ISL55008
Download  ISL55008 Download
File Size   148.49 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MMIC Silicon Bipolar Broadband Amplifier

ISL55008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55008 Datasheet PDF - Intersil Corporation

Part # ISL55008
Download  ISL55008 Click to download

File Size   148.49 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MMIC Silicon Bipolar Broadband Amplifier

ISL55008 Datasheet (HTML) - Intersil Corporation


ISL55008 Product details

The ISL55005, ISL55007, ISL55008 and ISL55009,
ISL55010, ISL55011 constitute a family of high performance
gain blocks featuring a Darlington configuration using high ft
transistors and excellent thermal performance. They are an
ideal choice for DVB-S LNB cable receiver applications.
ISL55005, ISL55007, ISL55008 offer higher OIP3
performance while the ISL55009, ISL55010, ISL55011 offer
lower operating supply currents.
ISL55005 and ISL55009 match a 75Ω source to a 50Ω load.
ISL55007 and ISL55010 match a 75Ω source to a 75Ω load.
ISL55008 and ISL55011 match a 50Ω source to a 50Ω load.

Features
• Input impedance of 50Ω
• Output impedance of 50Ω
• Noise figure of 3.9dB
• OIP3 of 18dBm
• Low input and output return losses
• Pb-free plus anneal available (RoHS compliant)

Applications
• LNB and LNB-T line amplifiers
• IF gain blocks for satellite and terrestrial HDTV STBs
• PA driver amplifier
• Wireless data, satellite
• Bluetooth/WiFi
• Satellite locator and signal strength meters




Similar Part No. - ISL55008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55008 RENESAS-ISL55008 Datasheet
339Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
ISL55008IEZ-T7 RENESAS-ISL55008IEZ-T7 Datasheet
339Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
More results


Similar Description - ISL55008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
May 22, 2006
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 20, 2007
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com