Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5185 Datasheet (PDF) - Texas Instruments

LM5185 Datasheet PDF - Texas Instruments
Part # LM5185
Download  LM5185 Download
File Size   1459.6 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5185 100-VIN PSR Flyback DC/DC Controller With Low IQ and Low EMI

LM5185 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5185 Datasheet PDF - Texas Instruments

Part # LM5185
Download  LM5185 Click to download

File Size   1459.6 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5185 100-VIN PSR Flyback DC/DC Controller With Low IQ and Low EMI

LM5185 Datasheet (HTML) - Texas Instruments


LM5185 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 4.5-V to 100-V wide input voltage range
• Extended power range from less than 1 W to more
than 50 W
• Robust PSR flyback design for reliable and rugged
applications
– Robust design with only a transformer crossing
the isolation barrier
– ±1.5% total output regulation accuracy
– Optional VOUT temperature compensation
– Input UVLO and thermal shutdown protection
– Hiccup-mode overcurrent fault protection
– 0.9-mm HV-LV pin spacing in 14-pin HTSSOP
package
– –40°C to +150°C junction temperature range
• Integration reduces design size and cost
– No optocoupler or transformer auxiliary winding
required for VOUT regulation
– 2-A peak sink and 1-A peak source high-current
power MOSFET gate driver
• High efficiency with best-in-class active IQ
– Quasi-resonant switching in boundary
conduction mode (BCM) at heavy load
– External VCC option for improved efficiency
– High light-load efficiency with lowest IQ (25-μA
typical with external VCC)
– Single and multiple output implementations
• Ultra-low conducted and radiated EMI signatures
– Soft switching avoids diode reverse recovery
– Designed for CISPR 32 EMI requirement
• Create a custom design using LM5185 with
WEBENCH® Power Designer
2 Applications
• Factory automation and control: Isolated field
transmitters, field actuators, and multiple output
rails for analog input modules
• Motor drives: IGBT and SiC gate drive supplies
• Solar energy systems: Micro inverter and Solar
power optimizer
• PoE PD DC/DC converters
• Building automation HVAC systems
• Generic isolated bias power rails for industrial and
telecom systems
• Generic IGBT, MOSFET, GaN and SiC gate drivers
3 Description
The LM5185 is a primary-side regulated (PSR)
flyback controller with high efficiency over a wide
input voltage range of 4.5 V to 100 V. The
isolated output voltage is sampled from the primaryside
flyback voltage, eliminating the need for an
optocoupler, voltage reference, or third winding from
the transformer for output voltage regulation.




Similar Part No. - LM5185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5185-Q1 TI1-LM5185-Q1 Datasheet
1Mb / 30P
LM5185-Q1 100-VIN, PSR, Flyback, Automotive, DC/DC Controller With Low IQ and Low EMI
AUGUST 2023
LM5185-Q1 TI1-LM5185-Q1 Datasheet
1Mb / 36P
LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM5185-Q1 TI1-LM5185-Q1_V01 Datasheet
1Mb / 36P
LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM5185QPWPRQ1 TI1-LM5185QPWPRQ1 Datasheet
1Mb / 36P
LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results


Similar Description - LM5185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
logo
Texas Instruments
LM5180 TI1-LM5180_18 Datasheet
1Mb / 39P
70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5185-Q1 TI1-LM5185-Q1 Datasheet
1Mb / 30P
LM5185-Q1 100-VIN, PSR, Flyback, Automotive, DC/DC Controller With Low IQ and Low EMI
AUGUST 2023
LM5185-Q1 TI1-LM5185-Q1_V01 Datasheet
1Mb / 36P
LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM25185-Q1 TI1-LM25185-Q1 Datasheet
1Mb / 32P
LM25185-Q1 42-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
NOVEMBER 2023
LM25185 TI1-LM25185 Datasheet
1Mb / 35P
LM25185 42-VIN PSR Flyback DC/DC Controller With Low IQ and Low EMI
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com