Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES-DH1208 Datasheet (PDF) - Leadshine Technology Co., Ltd.

ES-DH1208 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # ES-DH1208
Download  ES-DH1208 Download
File Size   399.6 Kbytes
Page   13 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 70-130VAC, 8.0A Peak, Closed-loop, No Tuning

ES-DH1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES-DH1208 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # ES-DH1208
Download  ES-DH1208 Click to download

File Size   399.6 Kbytes
Page   13 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description 70-130VAC, 8.0A Peak, Closed-loop, No Tuning

ES-DH1208 Datasheet (HTML) - Leadshine Technology Co., Ltd.


ES-DH1208 Product details

Features
Hybrid servo control technology to combine advantages of open-loop stepper systems and
brushless servo systems
Closed-loop controls to eliminate lose of steps, stall or movement synchronization
High starting torque and quick response
Smooth motor movement with no vibration
Excellent respond time, quick acceleration, and very high high-speed torque (30% over open-loop)
Load-dependent dynamic current output from drive to motor to significantly motor heating
deduction
Input voltage from 70 to 130 VAC;MAX 8.0A peak current output from drive to motor
Micro step resolution value from 200-51,200 (increased by 1) via software configuration
Isolated control inputs of Pulse, Direction and Enable
No tuning for plug and play setup
On-board HMI for easy setup and configuration
In-position and fault outputs to external motion controllers for complete system controls.
Over voltage, over-current, and position-error protection
Servo control for stepper motors with encoders up to NEMA 42

Description
By taking direct 110 / 120 or 220 / 230 VAC input, Leadshine ES-DH series high voltage easy servo
drives can power large NEMA 34 and 42 easy servo motors and offer huge torque to applications with
motion control systems.
Leadshine ES-DH series easy servo drives are based on the latest DSP technology and Leadshine's
advanced control algorithm of combing brushless servo and stepper systems. They are featured with
closed position loop, offering huge torque, excellent acceleration & quick response, no torque
reservation, high standstill stiffness, extra low noise & heating, smooth motor movement, no hunting,
no overshooting for almost zero settling time, and no tuning for almost all applications.

Applications
Due to combining the features of both brushless servo drives and stepper drives, Leadshine ES-DH
series easy servo drives are suitable for both upgrading conventional stepper systems, and replacing
brushless servo systems which have closed loop and high torque requirements.
Leadshine ES-DH series easy servo drives can also be implemented as high performance open loop
stepper drives with direct 110 / 120 and / or 220 /230 VAC input.
Leadshine ES-DH easy servo drives and matching easy servo motors have been successfully
implemented by many OEM clients in applications such as CNC routers, plasma, milling machines,
engravers, packaging machines, printing equipments.




Similar Part No. - ES-DH1208

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results


Similar Description - ES-DH1208

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
logo
Leadshine Technology Co...
ES-D1008 LEADSHINE-ES-D1008 Datasheet
462Kb / 10P
20-70 VAC or 30-100VDC, 8.2A Peak, Close-loop, No Tuning
ES-D508 LEADSHINE-ES-D508 Datasheet
433Kb / 9P
20-45VDC, 8.0A Peak, Closed-loop, No Tuning
ES-D808 LEADSHINE-ES-D808 Datasheet
454Kb / 10P
24 - 75VDC, 8.2A Peak, Close-loop, No Tuning
ES-DH2306 LEADSHINE-ES-DH2306 Datasheet
411Kb / 13P
150-230VAC, 6.0A Peak, Closed-loop, No Tuning
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com