Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7H3302-SP Datasheet (PDF) - Texas Instruments

TPS7H3302-SP Datasheet PDF - Texas Instruments
Part # TPS7H3302-SP
Download  TPS7H3302-SP Download
File Size   1938.88 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator

TPS7H3302-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7H3302-SP Datasheet PDF - Texas Instruments

Part # TPS7H3302-SP
Download  TPS7H3302-SP Click to download

File Size   1938.88 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator

TPS7H3302-SP Datasheet (HTML) - Texas Instruments


TPS7H3302-SP Product details

1 Features
• QMLP TPS7H3302-SP standard microcircuit
drawing (SMD) available, 5962R14228
• Space Ehanced Plastic Vendor item drawing
available, VID V62/22615
• Total ionizing dose (TID) charactericized
– Radiation hardness assured (RHA) qualified up
to total ionizing dose (TID) 100 krad(Si) or 50
krad(Si)
• Single-Event Effects (SEE) Charactericized
– Single event latch-up (SEL), single event gate
rupture (SEGR), single event burnout (SEB)
immune up to LET = 70 MeV-cm2 /mg
– Single event transient (SET), single event
functional interrupt (SEFI), and single event
upset (SEU) characterized up to 70
MeVcm2 /mg
• Supports DDR, DDR2, DDR3, DDR3L, and DDR4
termination applications
• Input voltage: supports a 2.5-V and 3.3-V rail
• Separate low-voltage input (VLDOIN) down to
0.9 V for improved power efficiency
• 3-A sink and source termination regulator
• Enable input and power-good output for power
supply sequencing
• VTT termination regulator
– Output voltage range: 0.5 to 1.75 V
– 3-A sink and source current
• Integrated precision voltage divider network with
sense input
• Remote sensing (VTTSNS)
• VTTREF buffered reference
– 49% to 51% accuracy with respect to
VDDQSNS (±3 mA)
– ±10 mA sink and source current
• Undervoltage lockout (UVLO) and overcurrent limit
(OCL) functionality integrated
• Plastic package

2 Applications
• Satellite electrical power system (EPS)
• Command and data handling (C&DH)
• Optical imaging payload
• Radar imaging payload

3 Description
The TPS7H3302 is a radiation-hardend double data
rate (DDR) 3-A termination regulator with built-in
VTTREF buffer. The regulator is specifically designed
to provide a complete, compact, low-noise solution for
space DDR termination applications such as single
board computers, solid state recorders, and payload
processing.
The TPS7H3302 supports DDR VTT termination
applications using DDR, DDR2, DDR3, DDR3L, and
DDR4. The fast transient response of the TPS7H3302
VTT regulator allows for a very stable supply during
read/write conditions. The TPS7H3302 also includes
a built-in VTTREF supply that tracks VTT to further
reduce the solution size. To enable simple power
sequencing, both an enable input and a powergood
output (PGOOD) have been integrated into the
TPS7H3302. The enable signal can also be used to
discharge VTT during suspend to RAM (S3) power
down mode.




Similar Part No. - TPS7H3302-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H3302-SP TI-TPS7H3302-SP Datasheet
1Mb / 37P
TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator
REVISED MAY 2023
More results


Similar Description - TPS7H3302-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H3301-SP TI1-TPS7H3301-SP Datasheet
1Mb / 30P
Sink/Source TID and SEE Hardened 3-A DDR Termination Regulator
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
TPS7H1101A-SP TI-TPS7H1101A-SP_V01 Datasheet
2Mb / 32P
TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
TPS7H1101A-SP TI-TPS7H1101A-SP_V02 Datasheet
2Mb / 33P
TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
TPS7H3302-SEP TI1-TPS7H3302-SEP Datasheet
2Mb / 35P
TPS7H3302-SEP Radiation-Tolerant 3-A DDR Termination Regulator
FEBRUARY 2023
TPS7H1111-SP TI1-TPS7H1111-SP Datasheet
2Mb / 59P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
FEBRUARY 2023
TPS7H1111-SP TI-TPS7H1111-SP_V01 Datasheet
3Mb / 60P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED APRIL 2023
TPS7H3302-SP TI-TPS7H3302-SP Datasheet
1Mb / 37P
TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator
REVISED MAY 2023
TPS7H1111-SP TI1-TPS7H1111-SP_V02 Datasheet
3Mb / 68P
TPS7H1111-SP and TPS7H1111-SEP 1.5-A, Ultra-Low Noise, High PSRR Radiation Hardened Low Dropout (LDO) Linear Regulator
REVISED AUGUST 2023
TPS7H2201-SP TI1-TPS7H2201-SP_V02 Datasheet
2Mb / 49P
TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com