Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM2320 Datasheet (PDF) - Silicon Motion Technology Corp.

SM2320 Datasheet PDF - Silicon Motion Technology Corp.
Part # SM2320
Download  SM2320 Download
File Size   649.89 Kbytes
Page   2 Pages
Manufacturer  SILICONMOTION [Silicon Motion Technology Corp.]
Direct Link  https://www.siliconmotion.com/
Logo SILICONMOTION - Silicon Motion Technology Corp.
Description Best-in-class USB 3.2 Gen2 x2 Portable SSD Controller Solution

SM2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2320 Datasheet PDF - Silicon Motion Technology Corp.

Part # SM2320
Download  SM2320 Click to download

File Size   649.89 Kbytes
Page   2 Pages
Manufacturer  SILICONMOTION [Silicon Motion Technology Corp.]
Direct Link  https://www.siliconmotion.com/
Logo SILICONMOTION - Silicon Motion Technology Corp.
Description Best-in-class USB 3.2 Gen2 x2 Portable SSD Controller Solution

SM2320 Datasheet (HTML) - Silicon Motion Technology Corp.


SM2320 Product details

Ultra High Performance
Sequential Read: up to 2,100 MB/s
Sequential Write: up to 2,000 MB/s
KEY FEATURES
Broad host device compatibility
Compliant with USB 3.2/2.0 and Type-C spec Release 1.3
Support s Type -C CC Logic
Data Integrity and Security
Supports Fingerprint Secure
Self-encrypting drive (SED) with AES 128/256 and TCG Opal
Data retention extension with NANDXtend®
Low power consumption
Supports Flash devices operating at
1.2V/ 1.8V
Controller core operates from
low-power 0.9V supply




Similar Part No. - SM2320

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2320NSA SINOPWER-SM2320NSA Datasheet
263Kb / 11P
N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM2320NSA VBSEMI-SM2320NSA Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Sinopower Semiconductor...
SM2320NSAC-TRG SINOPWER-SM2320NSAC-TRG Datasheet
263Kb / 11P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM2320

ManufacturerPart #DatasheetDescription
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
Best in class frequency versus temperature
logo
Bel Fuse Inc.
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
Best-in-class, Titanium efficiency
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
Best-In-Class Image Quality
logo
Shenzhen Tianyuan Semic...
TP4100 TPOWER-TP4100 Datasheet
397Kb / 6P
Portable USB Fan Solution
logo
Shenzhen Huazhimei Semi...
HM5934 HMSEMI-HM5934 Datasheet
430Kb / 6P
Portable USB Fan Solution
HM5934A HMSEMI-HM5934A Datasheet
659Kb / 6P
Portable USB Fan Solution
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
Best-in-class, Titanium efficiency
PTU2000-12-074ND BEL-PTU2000-12-074ND Datasheet
1Mb / 26P
Best-in-class, ?쏱latinum??efficiency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com