Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

676T Datasheet (PDF) - List of Unclassifed Manufacturers

676T Datasheet PDF - List of Unclassifed Manufacturers
Part # 676T
Download  676T Download
File Size   327.02 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4K60 4:4:4 HDMI and RS−232 Transmitter over Ultra−Reach MM/SM Fiber Optic

676T Datasheet (PDF)

Go To PDF Page Download Datasheet
676T Datasheet PDF - List of Unclassifed Manufacturers

Part # 676T
Download  676T Click to download

File Size   327.02 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4K60 4:4:4 HDMI and RS−232 Transmitter over Ultra−Reach MM/SM Fiber Optic

676T Datasheet (HTML) - List of Unclassifed Manufacturers


676T Product details

FEATURES
High Performance Standard Fiber Extender - HDMI fiber transmitter for providing ultra−reach signals
over either multi−mode or single−mode optical fiber infrastructures, using Kramer pluggable OSP
SFP+ units (multi−mode SFP+ included). Near−zero latency video chroma sub−sampling conversion
technology, is employed to auto−adapt above 10G HDMI signals to 10G optical link signal data−rate.
Note: To ensure specified performance, support, and warranty of this product, use only Kramer's
certified hi−performance OSP SFP+ pluggable optical units
Multi-drop Signal Distribution - Use optical splitters to extend the input signals from a single
transmitter to multiple receivers, for displaying the same content on multiple display devices using
optical splitting only, with no need for AV distribution amplifiers
HDMI Signal Extension - HDCP 2.2 compliant and supports up to 18G (6G per channel) data rate,
LPCM 7.1, Dolby True HD, and DTS−HD as specified in HDMI 2.0
Power Saving - With CEC ON/OFF function, shut down a display device automatically when not in
use, and auto power it ON upon presentation start
I-EDIDPro™ Kramer Intelligent EDID Processing™ - Intelligent EDID handling, processing and
pass−through algorithm that ensures Plug and Play operation for HDMI source and display systems
Bidirectional RS-232 Extension - Serial interface data flows in both directions, to enable data
transmission and control of devices
Cost-Effective Maintenance - Status LED indicators for power, source, sink and fiber link connections
detection facilitate easy local troubleshooting
Easy Installation - DigiTOOLS® rack mountable fan−less enclosure enables side−by−side mounting
of 3 units in a 1U rack space with the recommended rack adapter




Similar Part No. - 676T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Marl International Limi...
676 MARL-676 Datasheet
421Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
logo
Adafruit Industries
676 ADAFRUIT-676 Datasheet
164Kb / 2P
EL wire welted piping starter pack - Aqua - 5 meters
7/27/2015
logo
Microsemi Corporation
676-1 MICROSEMI-676-1 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
logo
Dialight Corporation
676-1111-110F DIALIGHT-676-1111-110F Datasheet
273Kb / 2P
Panel Mount Indicators
More results


Similar Description - 676T

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
logo
List of Unclassifed Man...
ADAM-4541 ETC-ADAM-4541 Datasheet
767Kb / 1P
Fiber Optic to RS-232/422/485 Converter
logo
Advantech Co., Ltd.
ADAM-5090 ADVANTECH-ADAM-5090 Datasheet
584Kb / 1P
4-port RS-232 Module
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
Advantech Co., Ltd.
ADAM-5090 ADVANTECH-ADAM-5090_14 Datasheet
232Kb / 1P
4-port RS-232 Module
logo
Level One
HVE-9114T LVL1-HVE-9114T Datasheet
320Kb / 2P
HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
logo
Moxa Inc.
POS-104UL MOXA-POS-104UL Datasheet
586Kb / 3P
4-port RS-232 Universal PCI boards with power over seria
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com