Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8101 Datasheet (PDF) - Texas Instruments

AFEX8101 Datasheet PDF - Texas Instruments
Part # AFEX8101
Download  AFEX8101 Download
File Size   4181.8 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications

AFEX8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFEX8101 Datasheet PDF - Texas Instruments

Part # AFEX8101
Download  AFEX8101 Click to download

File Size   4181.8 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications

AFEX8101 Datasheet (HTML) - Texas Instruments


AFEX8101 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: AFE88101, AFE78101
• Low quiescent current: 170 μA (typ)
• 16-bit or 14-bit monotonic high-performance DAC
– 1.8-V supply: 0.15 V to 1.25 V, 0.2 V to 1.0 V
– 5-V supply: 0.3 V to 2.5 V, 0.4 V to 2.0 V
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C
• Internal 1.2288-MHz oscillator with clock output
• Digital interfaces:
– Serial peripheral interface (SPI)
– Universal asynchronous receiver-transmitter
(UART)
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Wide operating temperature: –55°C to +125°C

2 Applications
• 2-wire transmitters
• 4-mA to 20-mA loop-powered applications
• Process control and industrial automation
• Smart transmitters
• PLC or DCS I/O modules

3 Description
The 16-bit AFE88101 and 14-bit AFE78101
(AFEx8101) are highly-integrated, high-accuracy,
extremely low-power digital-to-analog converters
(DACs) with voltage outputs designed for sensortransmitter
applications.
The AFEx8101 devices include most of the
components required to design a 4‑mA to 20‑mA,
2‑wire (loop-powered) sensor transmitter. In addition
to the highly accurate DAC, these devices include a
10‑ppm/°C voltage reference and a diagnostic analogto-
digital converter (ADC). To accommodate intrinsic
and functional-safety concerns, external voltage-tocurrent
conversion and power regulation are required.
The internal diagnostic ADC is multiplexed to
several internal nodes that enable an automatic selfhealth
check. This check is capable of detecting
errors or malfunctions of the internal bias sources,
power regulator, voltage reference, DAC output, die
temperature, and optional external voltage source. If
any fault is detected from the diagnostic ADC, CRC
frame-error checking, or windowed watchdog timer,
the devices can optionally issue an interrupt, enter a
fail-safe state corresponding to a standard NAMUR
output value or user-specified custom value, or both.
These devices operate from supplies as low as 1.71 V
with a maximum quiescent current of 210 μA. The
devices are specified over the temperature range of
–40°C to +125°C, but are functional from –55°C to
+125°C.




Similar Part No. - AFEX8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX8101 TI-AFEX8101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
AFEX8101 TI1-AFEX8101 Datasheet
4Mb / 89P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
More results


Similar Description - AFEX8101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201 Datasheet
3Mb / 94P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com