Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UHB50SC12E1BC3N Datasheet (PDF) - Qorvo, Inc

UHB50SC12E1BC3N Datasheet PDF - Qorvo, Inc
Part # UHB50SC12E1BC3N
Download  UHB50SC12E1BC3N Download
File Size   1458.17 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1200V-50A SiC Half-Bridge Module

UHB50SC12E1BC3N Datasheet (PDF)

Go To PDF Page Download Datasheet
UHB50SC12E1BC3N Datasheet PDF - Qorvo, Inc

Part # UHB50SC12E1BC3N
Download  UHB50SC12E1BC3N Click to download

File Size   1458.17 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1200V-50A SiC Half-Bridge Module

UHB50SC12E1BC3N Datasheet (HTML) - Qorvo, Inc


UHB50SC12E1BC3N Product details

Features
* On-resistance: RDS(on) = 19mW (typ)
* Operating temperature: 150°C (max)
* Excellent reverse recovery: Qrr = 495nC
* Low body diode voltage: VFSD= 1.2V
* Low gate charge: QG = 85nC
* Threshold voltage VG(th): 5V (typ) allowing 0 to 15V drive
* ESD protected: HBM class 2 and CDM class C3
* Low intrinsic capacitance




Similar Part No. - UHB50SC12E1BC3N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UHB SCHURTER-UHB Datasheet
411Kb / 2P
Fuseholder Open Design, 5 x 20 mm, Solder, transparent, Cover
UHB SCHURTER-UHB Datasheet
221Kb / 2P
Fuseholder Open Design, 5 x 20 mm, Solder, transparent, Cover
04.01.2022
logo
Qorvo, Inc
UHB100SC12E1BC3N QORVO-UHB100SC12E1BC3N Datasheet
1Mb / 13P
1200V-100A SiC Half-Bridge Module
Rev. B, February 2024
logo
Vishay Siliconix
UHB10FT VISHAY-UHB10FT Datasheet
138Kb / 5P
Ultrafast Recovery Rectifier
13-May-08
UHB10FT VISHAY-UHB10FT Datasheet
129Kb / 5P
Ultrafast Recovery Rectifier
Revision: 13-May-08
More results


Similar Description - UHB50SC12E1BC3N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12 NIEC-PBMB50B12 Datasheet
116Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
M.S. Kennedy Corporatio...
MSK4804 MSK-MSK4804_15 Datasheet
840Kb / 7P
SiC HALF BRIDGE
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
GeneSiC Semiconductor, ...
GD50MPS12-CAL GENESIC-GD50MPS12-CAL Datasheet
300Kb / 6P
1200V 50A SiC Schottky MPS??Diode
logo
ON Semiconductor
NXH006P120MNF2PTG ONSEMI-NXH006P120MNF2PTG Datasheet
2Mb / 10P
F2-Half Bridge SiC MOSFET Module
August 2021 ??Rev. 0
logo
UnitedSiC.
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com