Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7805SR-C Datasheet (PDF) - Murata Power Solutions Inc.

7805SR-C Datasheet PDF - Murata Power Solutions Inc.
Part # 7805SR-C
Download  7805SR-C Download
File Size   406.88 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Piezoelectric Diaphragms

7805SR-C Datasheet (PDF)

Go To PDF Page Download Datasheet
7805SR-C Datasheet PDF - Murata Power Solutions Inc.

Part # 7805SR-C
Download  7805SR-C Click to download

File Size   406.88 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Piezoelectric Diaphragms

7805SR-C Datasheet (HTML) - Murata Power Solutions Inc.


7805SR-C Product details

FEATURES
- 3.3V/0.5A, 5V/0.5A or 12V/0.4A outputs; Pin and
size-compatible with LM7805 & LM7812 regulators
- Up to 95% effi ciency – no heat sinks or thermal
derating required
- Two SIP-packages fi t existing TO-220 footprints:
- Vertical-pin models occupy less than 0.1 square in.
- Optional horizontal pins provide 0.350 in. installed
height
- +7.5-36Vdc operating input range; Low 3mA
quiescent current
- Built-in fi lter capacitors – no external components
required
- –40 to +70°C operation at full load; Short-circuit
protection
- Excellent load (±0.2%) and line (±0.3%) regulation
- Ideal for powering instrumentation from
9V/12V/24V/28V supplies or batteries
- Can be used with unregulated dc supplies
protection




Similar Part No. - 7805SR-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
7805SR-C MURATA-PS-7805SR-C Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
7805SR-C MURATA-7805SR-C Datasheet
398Kb / 6P
3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
More results


Similar Description - 7805SR-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-12-9 MURATA-7BB-12-9 Datasheet
180Kb / 2P
Piezoelectric Diaphragms
7BB-15-6 MURATA-7BB-15-6 Datasheet
182Kb / 2P
Piezoelectric Diaphragms
7BB-20-3 MURATA-7BB-20-3 Datasheet
179Kb / 2P
Piezoelectric Diaphragms
7BB-35-3 MURATA-7BB-35-3_17 Datasheet
180Kb / 2P
Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-12-9 MURATA1-7BB-12-9_V01 Datasheet
195Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-20-3 MURATA1-7BB-20-3_V01 Datasheet
196Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-27-4L0 MURATA1-7BB-27-4L0_V01 Datasheet
197Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-41-2CL0 MURATA1-7BB-41-2CL0_V01 Datasheet
200Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-41-2C MURATA1-7BB-41-2C_V01 Datasheet
198Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-41-2 MURATA1-7BB-41-2_V01 Datasheet
197Kb / 2P
Piezoelectric Diaphragms
12/26/2022
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com