Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8050 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISCFM8050 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISCFM8050
Download  ISCFM8050 Download
File Size   575.92 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

ISCFM8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISCFM8050 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISCFM8050
Download  ISCFM8050 Click to download

File Size   575.92 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

ISCFM8050 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISCFM8050 Product details

FEATURES
·Low capacitances and low gate charge
·RDS(ON)= 50mΩ(MAX)@VGS=20V TJ=25℃
·Fast and reliable body diodee
·Superior avalanche ruggedness
APPLICATIONS
·Smart grid transmission and distribution
·Induction heating and welding
·Power supply and distribution
·Motor drives




Similar Part No. - ISCFM8050

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCFM8001 ISC-ISCFM8001 Datasheet
804Kb / 8P
All-SiC Power Module
2023-9-4
ISCFM8002 ISC-ISCFM8002 Datasheet
855Kb / 11P
All-SiC Power MODULE
2023-9-2
ISCFM8003 ISC-ISCFM8003 Datasheet
657Kb / 7P
All-SiC Power Module
2023-9-5
ISCFM8014 ISC-ISCFM8014 Datasheet
609Kb / 7P
All-SiC Power Module
ISCFM8017 ISC-ISCFM8017 Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results


Similar Description - ISCFM8050

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com